Electronic Components Datasheet Search
  English  ▼

X  

F1763 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # F1763
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1763 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button F1763 Datasheet HTML 17Page - Renesas Technology Corp F1763 Datasheet HTML 18Page - Renesas Technology Corp F1763 Datasheet HTML 19Page - Renesas Technology Corp F1763 Datasheet HTML 20Page - Renesas Technology Corp F1763 Datasheet HTML 21Page - Renesas Technology Corp F1763 Datasheet HTML 22Page - Renesas Technology Corp F1763 Datasheet HTML 23Page - Renesas Technology Corp F1763 Datasheet HTML 24Page - Renesas Technology Corp F1763 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
23
Rev1 December 2013
IDTF1751NBGI
Datasheet
POWER SUPPLIES
All supply pins should be bypassed with external capacitors to minimize noise and fast transients. Supply noise can
degrade noise figure and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or
transients should have a slew rate smaller than 1V/20uS. In addition, all control pins should remain at 0V (+/-0.3V)
while the supply voltage ramps or while it returns to zero.
EVKIT PICTURE/LAYOUT/OPERATION
Output 4:1
Transformer
50 ohm IF
out Port
Close for Normal
Operation
DC Power
Unused
Inner Position for LC Mode
(R16, R18)
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com