Electronic Components Datasheet Search
  English  ▼

X  

OPA2182 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2182 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2182 Datasheet HTML 1Page - Texas Instruments OPA2182 Datasheet HTML 2Page - Texas Instruments OPA2182 Datasheet HTML 3Page - Texas Instruments OPA2182 Datasheet HTML 4Page - Texas Instruments OPA2182 Datasheet HTML 5Page - Texas Instruments OPA2182 Datasheet HTML 6Page - Texas Instruments OPA2182 Datasheet HTML 7Page - Texas Instruments OPA2182 Datasheet HTML 8Page - Texas Instruments OPA2182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
6 Pin Configuration and Functions
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
Figure 6-1. OPA182 D (8-Pin SOIC) Package, Top
View
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
Figure 6-2. OPA182 DBV (5-Pin SOT-23) Package,
Top View
Table 6-1. Pin Functions: OPA182
PIN
TYPE
DESCRIPTION
NAME
D (SOIC)
DBV
(SOT-23)
–IN
2
4
Input
Inverting input
+IN
3
3
Input
Noninverting input
NC
1, 5, 8
—
—
No internal connection; can be left floating.
OUT
6
1
Output
Output channel
V–
4
2
Power
Negative supply
V+
7
5
Power
Positive supply
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 6-3. D (8-Pin SOIC) and DGK (8-Pin VSSOP) Packages, Top View
Table 6-2. Pin Functions: OPA2182
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Inverting input channel A
+IN A
3
Input
Noninverting input channel A
–IN B
6
Input
Inverting input channel B
+IN B
5
Input
Noninverting input channel B
OUT A
1
Output
Output channel A
OUT B
7
Output
Output channel B
V–
4
Power
Negative supply
V+
8
Power
Positive supply
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com