Electronic Components Datasheet Search
  English  ▼

X  

OPA2182 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2182 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2182 Datasheet HTML 18Page - Texas Instruments OPA2182 Datasheet HTML 19Page - Texas Instruments OPA2182 Datasheet HTML 20Page - Texas Instruments OPA2182 Datasheet HTML 21Page - Texas Instruments OPA2182 Datasheet HTML 22Page - Texas Instruments OPA2182 Datasheet HTML 23Page - Texas Instruments OPA2182 Datasheet HTML 24Page - Texas Instruments OPA2182 Datasheet HTML 25Page - Texas Instruments OPA2182 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Op Amp
Core
R
F
R
I
R
L
V
IN
(1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
V+
R
S
(3)
TVS
(2)
Edge-Triggered ESD
Absorption Circuit
V±
TVS
(2)
(1) VIN = V+ + 500 mV.
(2) TVS: 40 V > VTVSBR (min) > V+, where VTVSBR (min) is the minimum specified value for the transient voltage suppressor breakdown
voltage.
(3) Suggested value is approximately 5 kΩ in overvoltage conditions.
Figure 8-3. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
8.3.5 MUX-Friendly Inputs
The OPAx182 feature a proprietary input stage design that allows an input differential voltage to be applied
while maintaining high input impedance. Typically, high-voltage CMOS or bipolar-junction input amplifiers feature
antiparallel diodes that protect input transistors from large VGS voltages that can exceed the semiconductor
process maximum and permanently damage the device. Large VGS voltages can be forced when applying a
large input step, switching between channels, or attempting to use the amplifier as a comparator. For more
information, see the MUX-Friendly Precision Operational Amplifiers application brief.
The OPAx182 solve these problems with a switched-input technique that prevents large input bias currents
when large differential voltages are applied. This input architecture solves many issues seen in switched or
multiplexed applications, where large disruptions to RC filtering networks are caused by fast switching between
large potentials. The OPAx182 offer outstanding settling performance because of these design innovations,
along with built-in slew rate boost and wide bandwidth. The OPAx182 can also be used as a comparator.
Differential and common-mode Absolute Maximum Ratings still apply relative to the power supplies.
8.4 Device Functional Modes
The OPAx182 have a single functional mode, and are operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage is 36 V (±18 V).
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com