Electronic Components Datasheet Search
  English  ▼

X  

OPA2182 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2182 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA2182 Datasheet HTML 16Page - Texas Instruments OPA2182 Datasheet HTML 17Page - Texas Instruments OPA2182 Datasheet HTML 18Page - Texas Instruments OPA2182 Datasheet HTML 19Page - Texas Instruments OPA2182 Datasheet HTML 20Page - Texas Instruments OPA2182 Datasheet HTML 21Page - Texas Instruments OPA2182 Datasheet HTML 22Page - Texas Instruments OPA2182 Datasheet HTML 23Page - Texas Instruments OPA2182 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
• Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
• The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit nearly matching
EMIRR performance
• EMIRR is more simple to measure on noninverting pins than on other pins because the noninverting
input terminal can be isolated on a PCB. This isolation allows the RF signal to be applied directly to the
noninverting input terminal with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any op amp pin can result in adverse effects because there is
insufficient amplifier loop gain to correct for signals with spectral content outside the bandwidth. Conducted or
radiated EMI on inputs, power supply, or output can result in unexpected dc offsets, transient voltages, or other
unknown behavior. Take care to properly shield and isolate sensitive analog nodes from noisy radio signals and
digital clocks and interfaces.
The EMIRR +IN of the OPAx182 is plotted versus frequency as shown in Figure 8-2. If available, any dual and
quad op amp device versions have nearly similar EMIRR +IN performance. The OPAx182 gain bandwidth is 5
MHz. EMIRR performance below this frequency denotes interfering signals that fall within the op amp bandwidth.
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
10M
100M
1G
5G
Figure 8-2. EMIRR Testing
Table 8-1. OPAx182 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION AND ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency
(UHF) applications
44.9 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF
applications
48.4 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band
(1 GHz to 2 GHz)
81.7 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite,
S-band (2 GHz to 4 GHz)
87.9 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
137.2 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
99.2 dB
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com