Electronic Components Datasheet Search
  English  ▼

X  

199D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 199D
Description  olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D Datasheet(HTML) 4 Page - Vishay Siliconix

  199D Datasheet HTML 1Page - Vishay Siliconix 199D Datasheet HTML 2Page - Vishay Siliconix 199D Datasheet HTML 3Page - Vishay Siliconix 199D Datasheet HTML 4Page - Vishay Siliconix 199D Datasheet HTML 5Page - Vishay Siliconix 199D Datasheet HTML 6Page - Vishay Siliconix 199D Datasheet HTML 7Page - Vishay Siliconix 199D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
199D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
4
Document Number: 40020
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz (%)
3 VDC AT +85 °C, SURGE = 3.6 V; 2 VDC AT +125 °C, SURGE = 2.4 V
4.7
A
199D475(1)003A(2)(3)
0.5
6
6.8
A
199D685(1)003A(2)(3)
0.5
6
10
A
199D106(1)003A(2)(3)
0.5
8
15
A
199D156(1)003A(2)(3)
0.5
8
22
B
199D226(1)003B(2)(3)
0.6
8
33
B
199D336(1)003B(2)(3)
1.0
8
47
C
199D476(1)003C(2)(3)
1.4
8
68
C
199D686(1)003C(2)(3)
2.0
8
100
D
199D107(1)003D(2)(3)
3.0
10
150
D
199D157(1)003D(2)(3)
4.0
10
220
E
199D227(1)003E(2)(3)
5.0
10
330
E
199D337(1)003E(2)(3)
6.0
10
470
F
199D477(1)003F(2)(3)
8.0
10
680
F
199D687(1)003F(2)(3)
10.0
10
6.3 VDC AT +85 °C, SURGE = 8 V; 4 VDC AT +125 °C, SURGE = 5 V
4.7
A
199D475(1)6R3A(2)(3)
0.5
6
6.8
A
199D685(1)6R3A(2)(3)
0.5
6
10
B
199D106(1)6R3B(2)(3)
0.6
8
15
B
199D156(1)6R3B(2)(3)
0.9
8
22
C
199D226(1)6R3C(2)(3)
1.3
8
33
C
199D336(1)6R3C(2)(3)
2.0
8
47
D
199D476(1)6R3D(2)(3)
2.9
8
68
D
199D686(1)6R3D(2)(3)
4.0
8
100
D
199D107(1)6R3D(2)(3)
5.0
10
150
E
199D157(1)6R3E(2)(3)
6.0
10
220
E
199D227(1)6R3E(2)(3)
7.0
10
330
F
199D337(1)6R3F(2)(3)
8.0
10
10 VDC AT +85 °C, SURGE = 13 V; 7 VDC AT +125 °C, SURGE = 9 V
3.3
A
199D335(1)010A(2)(3)
0.5
6
4.7
A
199D475(1)010A(2)(3)
0.5
6
6.8
B
199D685(1)010B(2)(3)
0.6
6
10
B
199D106(1)010B(2)(3)
1.0
8
15
C
199D156(1)010C(2)(3)
1.5
8
22
C
199D226(1)010C(2)(3)
2.0
8
33
D
199D336(1)010D(2)(3)
3.0
8
39
D
199D396(1)010D(2)(3)
3.9
8
47
D
199D476(1)010D(2)(3)
4.0
8
68
D
199D686(1)010D(2)(3)
5.0
8
100
E
199D107(1)010E(2)(3)
6.0
10
150
E
199D157(1)010E(2)(3)
7.0
10
220
F
199D227(1)010F(2)(3)
8.0
10
Note
• Part number definitions:
(1) For capacitance tolerance: X0 = ± 20 %, X9 = ± 10 % or X5 = 5 %
(2) To specify lead style / spacing / packaging insert the last three characters in the part number. Use the appropriate code shown in the
Current Ordering Cross Reference table and explained in the Ordering Information and Lead Styles table
(3) E3 = RoHS-compliant 100 % tin leads. Blank or no suffix = standard tin / lead termination



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com