Electronic Components Datasheet Search
  English  ▼

X  

199D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 199D
Description  olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D Datasheet(HTML) 2 Page - Vishay Siliconix

  199D Datasheet HTML 1Page - Vishay Siliconix 199D Datasheet HTML 2Page - Vishay Siliconix 199D Datasheet HTML 3Page - Vishay Siliconix 199D Datasheet HTML 4Page - Vishay Siliconix 199D Datasheet HTML 5Page - Vishay Siliconix 199D Datasheet HTML 6Page - Vishay Siliconix 199D Datasheet HTML 7Page - Vishay Siliconix 199D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
199D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
2
Document Number: 40020
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Wire diameter (nominal) 0.020" (0.51 mm)
• L = lead length
• P = pitch or lead spacing
Notes
(1) Pitch or lead spacing P measured within 0.05" [1.27 mm] of the body of the capacitor or from the bottom of the crimp
(2) Lead length L is for bulk packaging
LEAD STYLE CONFIGURATIONS AND CODES
STRAIGHT UNEVEN LEADS
CODES 1, 3, AND Y
STRAIGHT EVEN LEADS
CODES 2, 4, AND 5
“OUTSIDE HOCKEY STICK”
CODES 6 AND 7
“SNAP-IN”
CODE 9
“HAIRPIN”
CODES X, Z
AVAILABLE LEAD STYLES AND PACKAGING TYPES PER CASE SIZE
LEAD STYLE / CASE
1
2
3
4
5679
X
Y
Z
A
Bulk
Bulk
Reel
Ammo
--
Bulk
Reel
Ammo
Bulk
Reel
Ammo
Bulk
Reel
Ammo
Bulk
Reel
Ammo
Bulk
Reel
Ammo
Bulk
Bulk
Reel
Ammo
B
C
D
E
--
Bulk
Bulk / Reel
Ammo
-
---
-
-
F
DIMENSIONS FOR LEAD STYLES 1, 2, 3, 4, 5, Y, 6 in inches [millimeters]
LEAD STYLE
1, 2, 3, 4
1, 3
2, 4
5, Y
6
CASE
D
(max.)
P (1)
± 0.024
[0.60]
H
(max.)
L (2)
(min.)
L (2)
± 0.118
[3.0]
P (1)
± 0.03
[0.76]
L (2)
± 0.118
[3.0]
P (1)
± 0.024
[0.60]
H1
(max.)
L (2)
A
0.173
[4.40]
0.100
[2.54]
0.280
[7.11]
0.591
[15.0]
0.748
[19.0]
0.125
[3.18]
0.748
[19.0]
0.200
[5.08]
0.378
[9.61]
0.240 ± 0.030
[6.1 ± 0.76]
B
0.197
[5.00]
0.100
[2.54]
0.300
[7.62]
0.591
[15.0]
0.748
[19.0]
0.125
[3.18]
0.748
[19.0]
0.200
[5.08]
0.398
[10.11]
0.240 ± 0.030
[6.1 ± 0.76]
C
0.217
[5.50]
0.100
[2.54]
0.360
[9.14]
0.591
[15.0]
0.748
[19.0]
0.125
[3.18]
0.748
[19.0]
0.200
[5.08]
0.458
[11.64]
0.240 ± 0.030
[6.1 ± 0.76]
D
0.236
[6.00]
0.100
[2.54]
0.400
[10.16]
0.591
[15.0]
0.748
[19.0]
0.125
[3.18]
0.748
[19.0]
0.200
[5.08]
0.498
[12.66]
0.240 ± 0.030
[6.1 ± 0.76]
E
0.339
[8.60]
0.200
[5.08]
0.492
[12.50]
0.591
[15.0]
0.748
[19.0]
n/a
n/a
0.200
[5.08]
0.591
[15.00]
1.0 ± 0.122
[25.4 ± 3.1]
F
0.378
[9.60]
0.200
[5.08]
0.650
[16.50]
0.591
[15.0]
0.748
[19.0]
n/a
n/a
0.200
[5.08]
0.748
[19.00]
1.0 ± 0.122
[25.4 ± 3.1]
+
+
L
D
H
P
+
+
L
D
H
P
D
H
1
P
L
+
+
H
L
D
1.1 ± 0.05
P
+
+
H
1
D
H
L
P
6.35 max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com