Electronic Components Datasheet Search
  English  ▼

X  

199D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 199D
Description  olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

199D Datasheet(HTML) 1 Page - Vishay Siliconix

  199D Datasheet HTML 1Page - Vishay Siliconix 199D Datasheet HTML 2Page - Vishay Siliconix 199D Datasheet HTML 3Page - Vishay Siliconix 199D Datasheet HTML 4Page - Vishay Siliconix 199D Datasheet HTML 5Page - Vishay Siliconix 199D Datasheet HTML 6Page - Vishay Siliconix 199D Datasheet HTML 7Page - Vishay Siliconix 199D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
199D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
1
Document Number: 40020
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid-Electrolyte TANTALEX™ Capacitors,
Resin-Coated, Radial-Lead
FEATURES
• Terminations: tin / lead (SnPb), 100 % tin (Sn)
• Economy and high performance are combined
in
these
radial-lead,
solid-electrolyte
TANTALEX™ capacitors
• Rugged,
reliable
capacitors
featuring
low
leakage current and low dissipation factor
• Six miniature case sizes and five lead styles. All case sizes
are available in standard tape and reel packaging per
EIA-468
• Standard ratings include replacements for type 196D
capacitors
• Lead (Pb)-free capacitors have “L” in body marking
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
Suitable for a broad range of consumer, commercial and
industrial equipment
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
Capacitance Tolerance: at 120 Hz, +25 °C, ± 20 %,
± 10 % standard. ± 5 % available as special
Dissipation Factor: at 120 Hz, +25 °C. Dissipation factor,
shall not exceed the values listed in the Standard Ratings
tables.
DC Leakage Current (DCL Max.):
at +25 °C: leakage current shall not exceed the values listed
in the Standard Ratings tables.
at +85 °C: leakage current shall not exceed 10 times the
values listed in the Standard Ratings tables.
at +125 °C: leakage shall not exceed 15 times the values
listed in the Standard Ratings tables.
Life Test: capacitors shall withstand rated DC voltage
applied at +85 °C for 1000 h with a circuit resistance not
greater than 3
.
Following the life test:
1. DCL shall not exceed 125 % of the initial requirements
2. Dissipation factor shall meet the initial requirement
3. Change in capacitance shall not exceed ± 10 %
Note
(1) See lead styles table
Available
Available
ORDERING INFORMATION
199D
475
X9
003
A
1 (1)
V1
E3
MODEL
CAPACITANCE
CAPACITANCE
DC VOLTAGE RATING
CASE
LEAD
PACKAGING
RoHS-
TOLERANCE
AT +85 °C
CODE
STYLE
COMPLIANT
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
** X5 = ± 5 %
** Special Order
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V).
See
Ratings
and
Case
Codes
table.
V1 = bulk
B1 = tape and reel
A1 = tape /
ammo box
E3 = 100 %
tin termination
(RoHS-compliant)
Blank = tin / lead
termination


Similar Part No. - 199D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D VISHAY-199D Datasheet
60Kb / 4P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
07-May-03
199D106(1)003A(2)(3) VISHAY-199D106(1)003A(2)(3) Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D106003A VISHAY-199D106003A Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D107(1)003D(2)(3) VISHAY-199D107(1)003D(2)(3) Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
More results

Similar Description - 199D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
15-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
Resin-Coated, Radial-Lead Tantalum Capacitors
12-Jun-06
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
Radial lead resin coated
logo
Vishay Siliconix
199D VISHAY-199D Datasheet
60Kb / 4P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
07-May-03
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
04-Aug-2020
299D VISHAY-299D Datasheet
132Kb / 8P
Solid-Electrolyte TANTALEX® Capacitors, Tripole Triple-Lead, Resin-Coated
06-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com