Electronic Components Datasheet Search
  English  ▼

X  

SMP253 Datasheet(PDF) 2 Page - Kemet Corporation

Part # SMP253
Description  Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMP253 Datasheet(HTML) 2 Page - Kemet Corporation

  SMP253 Datasheet HTML 1Page - Kemet Corporation SMP253 Datasheet HTML 2Page - Kemet Corporation SMP253 Datasheet HTML 3Page - Kemet Corporation SMP253 Datasheet HTML 4Page - Kemet Corporation SMP253 Datasheet HTML 5Page - Kemet Corporation SMP253 Datasheet HTML 6Page - Kemet Corporation SMP253 Datasheet HTML 7Page - Kemet Corporation SMP253 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3018_SMP253_Y2_250 • 11/2/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Class Y2
Impregnated Metallized Paper EMI Suppression Capacitors – SMP253, Class Y2, 250 VAC Surface Mount Device
Benefits cont.
• Climatic category: 40/100/56/B, IEC 60068–1
• Tape & Reel packaging in accordance with IEC 60286–3
• RoHS compliance and lead-free terminations
• Operating temperature range of −40°C to +100°C
• 100% screening factory test at 3,000 VDC
• Highest possible safety regarding active and passive
flammability
• Excellent self-healing properties ensure long life, even
when subjected to frequent overvoltages
• Good resistance to ionization due to impregnated dielectric
• High dv/dt capability
• Impregnated paper that ensures excellent stability and
reliability, particularly in applications with continuous
operation
Ordering Options Table
Packaging Type
KEMET
Packaging
Code
Legacy
Packaging
Code
Standard Lead and Packaging Options
Tape & Reel (Standard Reel)
V
TR24
Bulk (Bag)
A
BULK
Other Lead and Packaging Options
Tape & Reel (Vertical Orientation Standard Reel)
Y
TV24
Dimensions – Millimeters
Chip
Size
W
T
L
F
EIA
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
5045
11.5
−0 /+0.6
6.5
−0/+0.4
12.7
−0/+0.4
0.5
Nominal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com