Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2T Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3123AI2T
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2T Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3123AI2T Datasheet HTML 28Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 29Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 30Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 31Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 32Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 33Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 34Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 35Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 32
© 2021 Renesas Electronics
Figure 17 for the I2C timing diagram, and see Table 21 for the definitions of the parameters shown in the diagram.
Figure 17. I2C Timing Diagram
Table 21. I2C Parameters
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SCL clock frequency[a]
fSCL
20
400
kHz
Start condition hold time relative to SCL edge
tHDSTA
0.1
µs
Minimum SCL clock low width[b]
tLOW
0.6
µs
Minimum SCL clock high width[b]
tHIGH
0.6
µs
Start condition setup time relative to SCL edge
tSUSTA
0.1
µs
Data hold time on SDA relative to SCL edge
tHDDAT
0
0.5
µs
Data setup time on SDA relative to SCL edge
tSUDAT
0.1
µs
Stop condition setup time on SCL
tSUSTO
0.1
µs
Bus free time between stop condition and start condition
tBUS
1
µs
[a]The min. frequency of 20kHz applies to calibration/test only (required to meet Command Window timing). There is no minimum for NOM.
[b]Combined low and high widths must equal or exceed the minimum SCL period.
10.6.2 SPI Features and Timing
SPI is available only as half duplex (read-only from the ZSSC3123). SPI speeds of up to 800kHz can be supported. The SPI interface can be
programmed to allow the master to sample MISO on the falling-edge or rising-edge of SCL via the SPI_Phase bit in EEPROM word Cust_Config
(see Table 32 for bit assignments). See the following figure for the SPI timing diagram and the following table for definitions of the parameters
shown in the timing diagram.
SDA
SCL
tHDSTA
tHDDAT
tLOW
tSUDAT
tHIGH
tSUSTA
tHDSTA
tSUSTO
tBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com