Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3123AI2T
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3123AI2T Datasheet HTML 17Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 18Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 19Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 20Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 21Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 22Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 23Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 24Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 21
© 2021 Renesas Electronics
Symbol
Description
CT
Temperature measurement capacitor
CTOFF
Temperature CDC zero shift
CTREF
Temperature reference capacitance
Temp_Trim
Temperature trim setting (bit setting in Table 31)
CDC_Offset
CDC offset trim setting (bit setting in Table 31)
CDC_Reference
CDC reference setting (bit setting in Table 31)
Note: The factory settings for Temp_Trim, CDC_Offset, and CDC_Reference are optimized for the full temperature range of -40°C to 125°C
guaranteeing a minimum effective resolution of 13 bits when 14 bits of resolution is selected. Unless a different temperature range is needed,
it is strongly recommended that these settings not be changed.
9.3
Digital Core
The digital core provides control logic for the analog front-end, performs input signal conditioning, and handles external communication. A digital
signal processor (DSP) is used for conditioning and correcting the converted sensor and temperature inputs. The DSP can correct for up to a
two-region piece-wise non-linear sensor input, and up to a second-order non-linear temperature input. Alternatively a third-order correction of
the sensor input for one region and up to a second-order, non-linear temperature input can be selected. Refer to section 13 for details on the
signal conditioning and correction math. The analog front-end configuration and correction coefficients for both the capacitive sensor and the
temperature sensor are stored in an on-chip EEPROM.
Four different types of outputs are available: I2C, SPI, PDM, and the Alarms. These output modes are used in combination with the two
measurement modes: Update Mode and Sleep Mode. For a full description of normal operation in each mode, refer to section 10.
The ZSSC3123 has an internal 1.85MHz temperature-compensated oscillator that provides the time base for all operations. When VDD exceeds
the POR level, the reset signal de-asserts and the clock generator starts. See section 10.1 for the subsequent power-on sequence. The exact
clock frequency influences the measurement cycle time (see the frequency variation spec in section 5). To minimize the oscillator error as the
VDD voltage changes, an on-chip regulator supplies the oscillator block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com