Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2T Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZSSC3123AI2T
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2T Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZSSC3123AI2T Datasheet HTML 29Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 30Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 31Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 32Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 33Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 34Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 35Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 36Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 33
© 2021 Renesas Electronics
Figure 18. SPI Timing Diagram
Table 22. SPI Parameters
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SCLK clock frequency
fSCL
50
800
kHz
SS drop to first clock edge
tHDSS
2.5
µs
Minimum SCLK clock low width[a]
tLOW
0.6
µs
Minimum SCLK clock high width[a]
tHIGH
0.6
µs
Clock edge to data transition
tCLKD
0
0.5
µs
Rise of SS relative to last clock edge
tSUSS
0.1
µs
Bus free time between rise and fall of SS
tBUS
2
µs
[a]Combined low and high widths must equal or exceed minimum SCLK period.
10.6.3 I2C and SPI Commands
As detailed in Table 23, there are three types of commands that allow the user to interface with the ZSSC3123 in the I2C or SPI modes.
Table 23. I2C and SPI Command Types
Type
Description
Communication Supported
Reference Sections
Data Fetch (DF)
Used to fetch data in any digital mode
I2C and SPI
Section 10.6.4
Measurement Request (MR)
Used to start measurements in Sleep Mode
I2C and SPI
Section 10.6.5
Calibration Commands
Used in Command Mode during the calibration process
I2C Only
Section 11.2
10.6.4 Data Fetch (DF)
The Data Fetch (DF) command is used to fetch data in any digital output mode. With the start of communication (for I2C after reading the slave
address; for SPI at the falling edge of SS), the entire output packet will be loaded in a serial output register. The register will be updated after
the communication is finished. The output is always scaled to 14 bits independent of the programmed resolution. The ordering of the bits is big-
endian.
tBUS
tLOW
SCLK
MISO
SS
HiZ
tHDSS
tHIGH
tCLKD
tSUSS
HiZ
tCLKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com