Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 13 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix 200D Datasheet HTML 10Page - Vishay Siliconix 200D Datasheet HTML 11Page - Vishay Siliconix 200D Datasheet HTML 12Page - Vishay Siliconix 200D Datasheet HTML 13Page - Vishay Siliconix 200D Datasheet HTML 14Page - Vishay Siliconix 200D Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
200D, 202D
www.vishay.com
Vishay
Revision: 30-Jul-14
13
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
04021 RATINGS AND CASE CODES
DSCC
DRAWING 04021
CAPACITANCE
(μF)
CASE CODE
MAX. DCL
(μA)
MAX. IMPEDANCE
(
)
25 °C
85 °C AND 125 °C
15 VDC AT 85 °C RATED
17.2 VDC AT 85 °C SURGE
10 VDC AT 125 °C DERATED
04021-01
960
A1
7
58
3.10
04021-02
1200
A2
9
72
2.30
04021-03
1400
A3
11
84
1.70
04021-04
2100
A4
16
126
1.30
04021-05
2400
A5
18
144
1.15
30 VDC AT 85 °C RATED
34.5 VDC AT 85 °C SURGE
20 VDC AT 125 °C DERATED
04021-06
520
A1
8
63
5.30
04021-07
660
A2
10
80
4.20
04021-08
820
A3
13
99
2.90
04021-09
1200
A4
18
144
2.30
04021-10
1300
A5
20
156
2.10
50 VDC AT 85 °C RATED
57.5 VDC AT 85 °C SURGE
30 VDC AT 125 °C DERATED
04021-11
400
A1
10
80
7.20
04021-12
430
A1
10
78
6.40
04021-13
500
A2
13
100
5.60
04021-14
600
A3
15
120
4.10
04021-15
800
A4
20
160
3.10
04021-16
1000
A5
23
180
2.80
75 VDC AT 85 °C RATED
86.2 VDC AT 85 °C SURGE
50 VDC AT 125 °C DERATED
04021-17
270
A1
9
81
8.50
04021-18
330
A2
12
99
7.00
04021-19
400
A3
15
119
5.00
04021-20
600
A4
20
180
3.65
04021-21
660
A5
23
198
3.50
100 VDC AT 85 °C RATED
115.0 VDC AT 85 °C SURGE
65 VDC AT 125 °C DERATED
04021-22
170
A1
9
68
15.00
04021-23
220
A2
11
88
11.60
04021-24
260
A3
13
104
8.00
04021-25
350
A4
18
140
6.50
04021-26
440
A5
22
176
5.80
150 VDC AT 85 °C RATED
172.0 VDC AT 85 °C SURGE
100 VDC AT 125 °C DERATED
04021-27
70
A1
6
42
28.80
04021-28
90
A2
7
54
22.40
04021-29
100
A3
9
60
16.40
04021-30
140
A4
11
84
12.40
04021-31
180
A5
14
104
11.20
ORDERING INFORMATION - DSCC PART NUMBER
04021
-29
DSCC
DRAWING
NUMBER
DASH
NUMBER
DEFENSE SUPPLY CENTER,
COLUMBUS COLUMBUS, OHIO
DRAWING NO.
04021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com