Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 2 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
200D, 202D
www.vishay.com
Vishay
Revision: 30-Jul-14
2
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
CASE CODE
H
CASE HEIGHT
TYPICAL WEIGHT
(g)
A1
1.062 [26.97]
45
A2
1.375 [34.93]
60
A3
1.625 [41.28]
80
A4
2.000 [50.80]
100
A5
2.500 [63.50]
125
B1
1.500 [38.10]
170
B2
1.875 [47.63]
210
B3
2.250 [57.15]
250
B4
2.625 [66.68]
290
B5
3.000 [76.20]
335
B6
3.375 [85.73]
380
B7
3.750 [95.25]
420
STANDARD RATINGS TYPE 200D
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
(
)
MAX. IMP.
AT -55 °C
(
)
MAX. RMS
RIPPLE
120 Hz (A)
15 VDC AT +85 °C; 10 VDC AT +125 °C
960
A1
200D967X0015A1
0.25
3.1
1.17
1200
A2
200D128X0015A2
0.21
2.3
1.45
1400
A3
200D148X0015A3
0.18
1.7
1.67
1600
A1
200D168X0015A1
0.25
4.2
1.20
2100
A2
200D218X0015A2
0.19
3.1
1.52
2100
A4
200D218X0015A4
0.12
1.3
2.22
2400
A5
200D248X0015A5
0.10
1.15
2.66
2700
A3
200D278X0015A3
0.15
2.5
1.83
3200
A4
200D328X0015A4
0.13
2.1
2.13
4300
A5
200D438X0015A5
0.095
1.6
2.73
20 VDC AT +85 °C; 13 VDC AT +125 °C
1300
A1
200D138X0020A1
0.25
5.0
1.20
1700
A2
200D178X0020A2
0.19
3.8
1.52
2200
A3
200D228X0020A3
0.15
3.0
1.83
2700
A4
200D278X0020A4
0.13
2.5
2.13
3500
A5
200D358X0020A5
0.094
1.9
2.75
25 VDC AT +85 °C; 15 VDC AT +125 °C
1100
A1
200D118X0025A1
0.30
5.3
1.10
1400
A2
200D148X0025A2
0.23
4.0
1.38
1800
A3
200D188X0025A3
0.18
3.2
1.67
2200
A4
200D228X0025A4
0.15
2.7
1.98
2900
A5
200D298X0025A5
0.11
2.0
2.54
30 VDC AT +85 °C; 20 VDC AT +125 °C
520
A1
200D527X0030A1
0.48
5.3
0.87
660
A2
200D667X0030A2
0.38
4.2
1.08
820
A3
200D827X0030A3
0.31
2.9
1.27
900
A1
200D907X0030A1
0.37
5.8
0.99
1200
A2
200D128X0030A2
0.27
4.4
1.28
1200
A4
200D128X0030A4
0.21
2.3
1.68
1300
A5
200D138X0030A5
0.19
2.1
1.93
1500
A3
200D158X0030A3
0.22
3.5
1.50
1800
A4
200D188X0030A4
0.18
2.9
1.81
2400
A5
200D248X0030A5
0.14
2.2
2.25
Note
(1) The part numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”.
For requirements or ratings other than those listed, please contact a Vishay representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com