Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 3 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
200D, 202D
www.vishay.com
Vishay
Revision: 30-Jul-14
3
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 22 VDC AT +125 °C
720
A1
200D727X0035A1
0.37
6.3
0.99
960
A2
200D967X0035A2
0.27
4.7
1.28
1200
A3
200D128X0035A3
0.22
3.8
1.51
1400
A4
200D148X0035A4
0.18
3.2
1.81
1900
A5
200D198X0035A5
0.14
2.4
2.25
40 VDC AT +85 °C; 25 VDC AT +125 °C
600
A1
200D607X0040A1
0.33
6.7
1.04
800
A2
200D807X0040A2
0.25
5.0
1.33
1000
A3
200D108X0040A3
0.20
4.0
1.58
1200
A4
200D128X0040A4
0.17
3.3
1.86
1600
A5
200D168X0040A5
0.13
2.5
2.34
50 VDC AT +85 °C; 35 VDC AT +125 °C
400
A1
200D407X0050A1
0.50
7.2
0.85
430
A1
200D437X0050A1
0.58
6.4
0.79
490
A1
200D497X0050A1
0.33
7.2
1.04
500
A2
200D507X0050A2
0.40
5.6
1.05
600
A3
200D607X0050A3
0.33
4.1
1.23
660
A2
200D667X0050A2
0.25
5.4
1.33
800
A4
200D807X0050A4
0.25
3.1
1.54
820
A3
200D827X0050A3
0.20
4.3
1.58
980
A4
200D987X0050A4
0.17
3.6
1.86
1000
A5
200D108X0050A5
0.25
2.8
2.84
1300
A5
200D138X0050A5
0.13
2.7
2.34
60 VDC AT +85 °C; 40 VDC AT +125 °C
410
A1
200D417X0060A1
0.33
7.5
1.04
550
A2
200D557X0060A2
0.25
5.6
1.33
680
A3
200D687X0060A3
0.20
4.5
1.58
820
A4
200D827X0060A4
0.17
3.7
1.86
1100
A5
200D118X0060A5
0.13
2.8
2.34
75 VDC AT +85 °C; 50 VDC AT +125 °C
270
A1
200D277X0075A1
0.56
8.5
0.80
330
A2
200D337X0075A2
0.46
7.0
0.98
400
A1
200D407X0075A1
0.26
7.5
1.18
400
A3
200D407X0075A3
0.38
5.0
1.15
530
A2
200D537X0075A2
0.20
5.6
1.48
660
A3
200D667X0075A3
0.16
4.5
1.77
600
A4
200D607X0075A4
0.25
3.65
1.54
660
A5
200D667X0075A5
0.23
3.5
1.76
790
A4
200D797X0075A4
0.13
3.7
2.13
1100
A5
200D118X0075A5
0.096
2.8
2.72
85 VDC AT +85 °C; 60 VDC AT +125 °C
280
A1
200D287X0085A1
0.33
9.2
1.04
370
A2
200D377X0085A2
0.25
6.9
1.33
470
A3
200D477X0085A3
0.20
5.5
1.58
570
A4
200D577X0085A4
0.17
4.6
1.86
750
A5
200D757X0085A5
0.13
3.4
2.34
STANDARD RATINGS TYPE 200D
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
(
)
MAX. IMP.
AT -55 °C
(
)
MAX. RMS
RIPPLE
120 Hz (A)
Note
(1) The part numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”.
For requirements or ratings other than those listed, please contact a Vishay representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com