Electronic Components Datasheet Search
  English  ▼

X  

293D Datasheet(PDF) 16 Page - Vishay Siliconix

Part # 293D
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button 293D Datasheet HTML 12Page - Vishay Siliconix 293D Datasheet HTML 13Page - Vishay Siliconix 293D Datasheet HTML 14Page - Vishay Siliconix 293D Datasheet HTML 15Page - Vishay Siliconix 293D Datasheet HTML 16Page - Vishay Siliconix 293D Datasheet HTML 17Page - Vishay Siliconix 293D Datasheet HTML 18Page - Vishay Siliconix 293D Datasheet HTML 19Page - Vishay Siliconix 293D Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 25-Jan-2022
3
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMMERCIAL PRODUCTS
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
293D
793DX-CTC3-
CTC4
593D
TR3
TP3
TL3
PRODUCT IMAGE
TYPE
Surface mount TANTAMOUNT™, molded case
FEATURES
Standard
industrial grade
CECC approved
Low ESR
Low ESR
High performance,
automotive grade
Very low DCL
TEMPERATURE
RANGE
-55 °C to +125 °C
CAPACITANCE
RANGE
0.1 μF to 1000 μF
0.1 μF to 100 μF
1 μF to 470 μF
0.47 μF to 1000 μF
0.1 μF to 470 μF
0.1 μF to 470
μF
VOLTAGE RANGE
4 V to 75 V
4 V to 50 V
4 V to 50 V
4 V to 75 V
4 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
0.005 CV or
0.25 μA,
whichever is
greater
DISSIPATION
FACTOR
4 % to 30 %
4 % to 6 %
4 % to 15 %
4 % to 30 %
4 % to 15 %
4 % to 15 %
CASE CODES
A, B, C, D, E
A, B, C, D
A, B, C, D, E
A, B, C, D, E, W
A, B, C, D, E
A, B, C, D, E
TERMINATION
100 % matte tin standard, tin / lead available
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
TH3
TH4
TH5
PRODUCT IMAGE
TYPE
Surface mount TANTAMOUNT™, molded case
FEATURES
High temperature +150 °C,
automotive grade
High temperature +175 °C,
automotive grade
Very high temperature +200 °C
TEMPERATURE
RANGE
-55 °C to +150 °C
-55 °C to +175 °C
-55 °C to +200 °C
CAPACITANCE
RANGE
0.33 μF to 220 μF
10 μF to 100 μF
4.7 μF to 100 μF
VOLTAGE RANGE
6.3 V to 50 V
6.3 V to 35 V
5 V to 24 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
4 % to 8 %
4.5 % to 8 %
6 % to 10 %
CASE CODES
A, B, C, D, E
B, C, D, E
D, E
TERMINATION
100 % matte tin standard,
tin / lead and gold plated available
100 % matte tin
Gold plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com