Electronic Components Datasheet Search
  English  ▼

X  

293D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 293D
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D Datasheet(HTML) 3 Page - Vishay Siliconix

  293D Datasheet HTML 1Page - Vishay Siliconix 293D Datasheet HTML 2Page - Vishay Siliconix 293D Datasheet HTML 3Page - Vishay Siliconix 293D Datasheet HTML 4Page - Vishay Siliconix 293D Datasheet HTML 5Page - Vishay Siliconix 293D Datasheet HTML 6Page - Vishay Siliconix 293D Datasheet HTML 7Page - Vishay Siliconix 293D Datasheet HTML 8Page - Vishay Siliconix 293D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
293D
www.vishay.com
Vishay Sprague
Upgrade for High Reliability With T83
Revision: 02-Jun-2022
3
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Capital letter indicates lead (Pb)-free
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
75
S
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines,
depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility
designation. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors, for details see FAQ: www.vishay.com/doc?40110.
Capacitors may bear TP3 marking scheme if parts are substituted with high performance automotive grade TP3 family products.
This includes, for example, letter “P” as shown below.
Call the factory for further explanation.
TP3 MARKING EXAMPLE
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
2.2
A
293D225(1)004A(2)
0.5
6
7.60
0.10
3.3
A
293D335(1)004A(2)
0.5
6
7.60
0.10
4.7
A
293D475(1)004A(2)
0.5
6
6.30
0.11
4.7
B
293D475(1)004B(2)
0.5
6
7.00
0.11
6.8
A
293D685(1)004A(2)
0.5
6
5.50
0.12
6.8
B
293D685(1)004B(2)
0.5
6
3.40
0.16
10
A
293D106(1)004A(2)
0.5
6
5.10
0.12
10
B
293D106(1)004B(2)
0.5
6
3.50
0.16
15
A
293D156(1)004A(2)
0.6
6
3.40
0.15
15
B
293D156(1)004B(2)
0.6
6
2.90
0.17
15
C
293D156(1)004C(2)
0.6
6
2.80
0.20
Note
• Part number definitions:
(1) Tolerance: X0, X9. For ± 5 % tolerance (code X5) contact factory
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W, 2DE3, 2RE3, 8D, 8R
Capacitance code, pF
Indicates
lead (Pb)-free
Polarity band (+)
Voltage
code
V 104L
A Case
Date code
designation
Date code
Vishay marking
Indicates
lead (Pb)-free
Voltage
Capacitance, μF
Polarity
band (+)
22
10L
XX
2
B, C, D, E Cases
Capacitance
code, pF
Indicates
high performance
(1)
Polarity band (+)
Voltage
code
V 104Z
A Case
Date code
designation
Date code
Vishay marking
Indicates
high performance
(1)
Voltage
Capacitance
μF
Polarity
band (+)
22
P10
XX
2
B, C, D, E Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com