Electronic Components Datasheet Search
  English  ▼

X  

293D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 293D
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Standard Industrial Grade
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D Datasheet(HTML) 2 Page - Vishay Siliconix

  293D Datasheet HTML 1Page - Vishay Siliconix 293D Datasheet HTML 2Page - Vishay Siliconix 293D Datasheet HTML 3Page - Vishay Siliconix 293D Datasheet HTML 4Page - Vishay Siliconix 293D Datasheet HTML 5Page - Vishay Siliconix 293D Datasheet HTML 6Page - Vishay Siliconix 293D Datasheet HTML 7Page - Vishay Siliconix 293D Datasheet HTML 8Page - Vishay Siliconix 293D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
293D
www.vishay.com
Vishay Sprague
Upgrade for High Reliability With T83
Revision: 02-Jun-2022
2
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option)
Note
(1) 125 °C life test post test limits per AEC-Q200
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V
0.10
AA
A
A
0.15
AA / B
B
0.22
AA / B
B
0.33
AA
A / B
B
0.47
A
A
A
A / B
A / B / C
B
0.68
A
A
A
A / B
B / C
B / C
1.0
A
A
A / B
A / B
A / B
B / C
D
1.5
A
A
A / B
A / B
A / B
B / C
B / C / D
B / C / D
2.2
A
A
A / B
A / B
A / B
A / B / C
B / C
B / C / D
D
3.3
A
A / B
A / B
A / B
A / B / C
A / B / C
B / C / D
C / D
D
D
4.7
A / B
A / B
A / B / C
A / B / C
A / B / C
A / B / C / D
B / C / D
C / D / E
D
E
6.8
A / B
A / B
A / B / C
A / B / C
A / B / C
B / C / D
C / D
D / E
10
A / B
A / B / C
A / B / C
A / B / C / D
B / C / D
B / C / D
C / D
D / E
E
15
A / B / C
A / B / C
A / B / C
B / C
B / C / D
B / C / D
C / D / E
E
22
A / B / C
A / B / C
A / B / C / D
B / C / D
B / C / D
C / D / E
D / E
33
A / B / C
A / B / C
B / C / D
B / C / D
C / D
D / E
D / E
47
A / B / C
A / B / C / D
B / C / D
C / D / E
D / E
D / E
E (1)
68
B / C / D
B / C / D
B / C / D / E
D / E
D / E
E
100
A / B / C / D B / C / D / E
B / C / D / E
D / E
D / E
120
D
D
E
150
B / C / D
C / D / E
C / D / E
D / E
220
B / C / D / E
C / D / E
D / E
E
330
D / E
D / E
D / E
470
D / E
D / E
E
680
D / E
E
1000
E
E
L
T
H (MIN.)
H
W
T
W
P
Glue Pad
Glue Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com