Electronic Components Datasheet Search
  English  ▼

X  

NAND01G-B2C Datasheet(PDF) 64 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 64 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 59Page - Numonyx B.V NAND01G-B2C Datasheet HTML 60Page - Numonyx B.V NAND01G-B2C Datasheet HTML 61Page - Numonyx B.V NAND01G-B2C Datasheet HTML 62Page - Numonyx B.V NAND01G-B2C Datasheet HTML 63Page - Numonyx B.V NAND01G-B2C Datasheet HTML 64Page - Numonyx B.V NAND01G-B2C Datasheet HTML 65Page - Numonyx B.V NAND01G-B2C Datasheet HTML 66Page - Numonyx B.V NAND01G-B2C Datasheet HTML 67Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Package mechanical
NAND01G-B2C
64/67
Figure 40.
VFBGA153 8 x 9 x 0.9 mm - 132+21 3R14, 0.50 mm pitch, package outline
and mechanical data
MIN
NOM
MAX
A
0.90
A1
0.15
A2
0.58
Øb
0.25
0.30
0.35
D
7.90
8.00
8.10
D1
6.50
E
8.90
9.00
9.10
E1
6.50
eD
0.50
eE
0.50
FD
0.75
FE
1.25
SD
0.25
SE
0.25
mD
14
mE
14
n
153
aaa
0.15
bbb
0.10
ddd
0.08
eee
0.15
fff
0.05
Control unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com