Electronic Components Datasheet Search
  English  ▼

X  

NAND01G-B2C Datasheet(PDF) 14 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 14 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 10Page - Numonyx B.V NAND01G-B2C Datasheet HTML 11Page - Numonyx B.V NAND01G-B2C Datasheet HTML 12Page - Numonyx B.V NAND01G-B2C Datasheet HTML 13Page - Numonyx B.V NAND01G-B2C Datasheet HTML 14Page - Numonyx B.V NAND01G-B2C Datasheet HTML 15Page - Numonyx B.V NAND01G-B2C Datasheet HTML 16Page - Numonyx B.V NAND01G-B2C Datasheet HTML 17Page - Numonyx B.V NAND01G-B2C Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Memory array organization
NAND01G-B2C
14/67
Figure 6.
Memory array organization
AI09854
Block = 64 pages
Page = 2112 bytes (2048 + 64)
2,048 bytes
2048 bytes
Spare
area
64
bytes
Block
8 bits
64
bytes
8 bits
Page
Page buffer, 2112 bytes
Block = 64 pages
Page = 1056 words (1024 + 32)
1,024 words
1024 words
Spare
area
Main area
32
words
16 bits
32
words
16 bits
Page buffer, 1056 words
Block
Page
x8 DEVICES
x16 DEVICES
Main area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com