Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 186 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 186 Page - Microchip Technology

Back Button DO16 Datasheet HTML 182Page - Microchip Technology DO16 Datasheet HTML 183Page - Microchip Technology DO16 Datasheet HTML 184Page - Microchip Technology DO16 Datasheet HTML 185Page - Microchip Technology DO16 Datasheet HTML 186Page - Microchip Technology DO16 Datasheet HTML 187Page - Microchip Technology DO16 Datasheet HTML 188Page - Microchip Technology DO16 Datasheet HTML 189Page - Microchip Technology DO16 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 186
 2016-2018 Microchip Technology Inc.
FIGURE 16-4:
32-BIT TIMER MODE
16.3
Output Compare Mode
Output Compare mode compares the Timer register
value with the value of one or two Compare registers,
depending on its mode of operation. The Output
Compare x module, on compare match events, has the
ability to generate a single output transition or a train of
output pulses. Like most PIC® MCU peripherals, the
Output Compare x module can also generate interrupts
on a compare match event.
Table 16-2 shows the various modes available in
Output Compare modes.
TABLE 16-2:
OUTPUT COMPARE/PWM MODES
CCPxTMRL
CCPxPRL
Comparator
Set CCTxIF
CCPxTMRH
CCPxPRH
Clock
Sources
Sync/
Trigger
Control
SYNC<4:0>
Time Base
Generator
MOD<3:0>
(CCPxCON1L<3:0>)
T32
(CCPxCON1L<5>)
Operating Mode
0001
0
Output High on Compare (16-bit)
Single Edge Mode
0001
1
Output High on Compare (32-bit)
0010
0
Output Low on Compare (16-bit)
0010
1
Output Low on Compare (32-bit)
0011
0
Output Toggle on Compare (16-bit)
0011
1
Output Toggle on Compare (32-bit)
0100
0
Dual Edge Compare (16-bit)
Dual Edge Mode
0101
0
Dual Edge Compare (16-bit buffered)
PWM Mode
0110
0
Center-Aligned Pulse (16-bit buffered)(1)
Center PWM Mode
0111
0
Variable Frequency Pulse (16-bit)
1111
0
External Input Source Mode (16-bit)
Note 1:
Center-Aligned PWM mode is only available on MCCP modules. This feature is disabled on SCCP modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com