Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 34 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 34 Page - Microchip Technology

Back Button DO16 Datasheet HTML 30Page - Microchip Technology DO16 Datasheet HTML 31Page - Microchip Technology DO16 Datasheet HTML 32Page - Microchip Technology DO16 Datasheet HTML 33Page - Microchip Technology DO16 Datasheet HTML 34Page - Microchip Technology DO16 Datasheet HTML 35Page - Microchip Technology DO16 Datasheet HTML 36Page - Microchip Technology DO16 Datasheet HTML 37Page - Microchip Technology DO16 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 34
 2016-2018 Microchip Technology Inc.
2.7
Configuration of Analog and
Digital Pins During ICSP
Operations
If an ICSP compliant emulator is selected as a debugger,
it automatically initializes all of the A/D input pins (ANx)
as “digital” pins. This is done by clearing all bits in the
ANSx registers. Refer to Section 11.2 “Configuring
Analog Port Pins (ANSx)” for more specific information.
The bits in these registers that correspond to the A/D
pins that initialized the emulator must not be changed
by the user application firmware; otherwise,
communication errors will result between the debugger
and the device.
If your application needs to use certain A/D pins as
analog input pins during the debug session, the user
application must modify the appropriate bits during
initialization of the A/D module, as follows:
• Set the bits corresponding to the pin(s) to be
configured as analog. Do not change any other
bits, particularly those corresponding to the
PGCx/PGDx pair, at any time.
When a Microchip debugger/emulator is used as a
programmer, the user application firmware must
correctly configure the ANSx registers. Automatic
initialization of these registers is only done during
debugger operation. Failure to correctly configure the
register(s) will result in all A/D pins being recognized as
analog input pins, resulting in the port value being read
as a logic ‘0’, which may affect user application
functionality.
2.8
Unused I/Os
Unused I/O pins should be configured as outputs and
driven to a logic low state. Alternatively, connect a 1 kΩ
to 10 kΩ resistor to VSS on unused pins and drive the
output to logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com