Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 81 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 81 Page - Microchip Technology

Back Button DO16 Datasheet HTML 77Page - Microchip Technology DO16 Datasheet HTML 78Page - Microchip Technology DO16 Datasheet HTML 79Page - Microchip Technology DO16 Datasheet HTML 80Page - Microchip Technology DO16 Datasheet HTML 81Page - Microchip Technology DO16 Datasheet HTML 82Page - Microchip Technology DO16 Datasheet HTML 83Page - Microchip Technology DO16 Datasheet HTML 84Page - Microchip Technology DO16 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 81
PIC24FJ256GA705 FAMILY
TABLE 7-1:
RESET FLAG BIT OPERATION
bit 5
SWDTEN: Software Enable/Disable of WDT bit(4)
1 = WDT is enabled
0 = WDT is disabled
bit 4
WDTO: Watchdog Timer Time-out Flag bit(1)
1 = WDT time-out has occurred
0 = WDT time-out has not occurred
bit 3
SLEEP: Wake from Sleep Flag bit(1)
1 = Device has been in Sleep mode
0 = Device has not been in Sleep mode
bit 2
IDLE: Wake-up from Idle Flag bit(1)
1 = Device has been in Idle mode
0 = Device has not been in Idle mode
bit 1
BOR: Brown-out Reset Flag bit(1)
1 = A Brown-out Reset has occurred (also set after a Power-on Reset)
0 = A Brown-out Reset has not occurred
bit 0
POR: Power-on Reset Flag bit(1)
1 = A Power-on Reset has occurred
0 = A Power-on Reset has not occurred
Flag Bit
Setting Event
Clearing Event
TRAPR (RCON<15>)
Trap Conflict Event
POR
IOPUWR (RCON<14>) Illegal Opcode or Uninitialized W Register Access
POR
CM (RCON<9>)
Configuration Mismatch Reset
POR
EXTR (RCON<7>)
MCLR Reset
POR
SWR (RCON<6>)
RESET Instruction
POR
WDTO (RCON<4>)
WDT Time-out
CLRWDT, PWRSAV Instruction, POR
SLEEP (RCON<3>)
PWRSAV #0 Instruction
POR
IDLE (RCON<2>)
PWRSAV #1 Instruction
POR
BOR (RCON<1>)
POR, BOR
—
POR (RCON<0>)
POR
—
Note:
All Reset flag bits may be set or cleared by the user software.
REGISTER 7-1:
RCON: RESET CONTROL REGISTER (CONTINUED)
Note 1: All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2: If the LPCFG Configuration bit is ‘1’ (unprogrammed), the retention regulator is disabled and the RETEN
bit has no effect. Retention mode preserves the SRAM contents during Sleep.
3: Re-enabling the regulator after it enters Standby mode will add a delay, TVREG, when waking up from Sleep.
Applications that do not use the voltage regulator should set this bit to prevent this delay from occurring.
4: If the FWDTEN<1:0> Configuration bits are ‘11’ (unprogrammed), the WDT is always enabled, regardless
of the SWDTEN bit setting.
5: The BOREN<1:0> (FPOR<1:0>) Configuration bits must be set to ‘01’ in order for SBOREN to have an effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com