Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 54 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 54 Page - Microchip Technology

Back Button DO16 Datasheet HTML 50Page - Microchip Technology DO16 Datasheet HTML 51Page - Microchip Technology DO16 Datasheet HTML 52Page - Microchip Technology DO16 Datasheet HTML 53Page - Microchip Technology DO16 Datasheet HTML 54Page - Microchip Technology DO16 Datasheet HTML 55Page - Microchip Technology DO16 Datasheet HTML 56Page - Microchip Technology DO16 Datasheet HTML 57Page - Microchip Technology DO16 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 54
 2016-2018 Microchip Technology Inc.
4.2.5
EXTENDED DATA SPACE (EDS)
The Extended Data Space (EDS) allows PIC24F
devices to address a much larger range of data than
would otherwise be possible with a 16-bit address
range. EDS includes any additional internal data
memory not directly accessible by the lower 32-Kbyte
data address space and any external memory through
EPMP.
In addition, EDS also allows read access to the
program memory space. This feature is called Program
Space Visibility (PSV) and is discussed in detail in
Section 4.3.3 “Reading Data from Program Memory
Using EDS”.
Figure 4-3 displays the entire EDS space. The EDS is
organized as pages, called EDS pages, with one page
equal to the size of the EDS window (32 Kbytes). A par-
ticular EDS page is selected through the Data Space
Read Page register (DSRPAG) or the Data Space Write
Page register (DSWPAG). For PSV, only the DSRPAG
register is used. The combination of the DSRPAG
register value and the 16-bit wide data address forms a
24-bit Effective Address (EA).
The data addressing range of the PIC24FJ256GA705
family devices depends on the version of the Enhanced
Parallel Master Port implemented on a particular device;
this is, in turn, a function of device pin count. Table 4-12
lists the total memory accessible by each of the devices
in this family. For more details on accessing external
memory using EPMP, refer to the “dsPIC33/PIC24 Fam-
ily Reference Manual”, “Enhanced Parallel Master
Port (EPMP)” (DS39730).
.
FIGURE 4-3:
EXTENDED DATA SPACE
TABLE 4-12:
TOTAL ACCESSIBLE DATA
MEMORY
Family
Internal
RAM
External RAM
Access Using
EPMP
PIC24FJXXXGA70X
16K
1K
Note:
Accessing Page 0 in the EDS window will
generate an address error trap as Page 0
is the base data memory (data locations,
0800h to 7FFFh, in the lower Data Space).
0000h
Special
Registers
32-Kbyte
EDS
8000h
Program Memory
DSxPAG
= 002h
DSxPAG
= 1FFh
DSRPAG
= 200h
DSRPAG
= 3FFh
Function
018000h
01FFFEh
000000h
7F8001h
FFFFFEh
007FFEh
7FFFFFh
Program
Space
0800h
FFFEh
EDS Pages
EPMP Memory Space(1)
External
Memory
Access
Using
EPMP(1)
FF8000h
DSRPAG
= 2FFh
7F8000h
7FFFFEh
Access
Program
Space
Access
Program
Space
Access
DSRPAG
= 300h
000001h
007FFFh
Program
Space
Access
Note 1:
The range of addressable memory available is dependent on the device pin count and EPMP implementation.
External
Memory
Access
Using
EPMP(1)
Internal
Data
Memory
Space
(Lower
Word)
(Lower
Word)
(Upper
Word)
(Upper
Word)
Window
DSxPAG
= 001h
008000h
008800h
External
Memory
Access
Using
EPMP(1)
047FEh
04800h
Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com