Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 201 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 201 Page - Microchip Technology

Back Button DO16 Datasheet HTML 197Page - Microchip Technology DO16 Datasheet HTML 198Page - Microchip Technology DO16 Datasheet HTML 199Page - Microchip Technology DO16 Datasheet HTML 200Page - Microchip Technology DO16 Datasheet HTML 201Page - Microchip Technology DO16 Datasheet HTML 202Page - Microchip Technology DO16 Datasheet HTML 203Page - Microchip Technology DO16 Datasheet HTML 204Page - Microchip Technology DO16 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 201
PIC24FJ256GA705 FAMILY
17.0 SERIAL PERIPHERAL
INTERFACE (SPI)
The Serial Peripheral Interface (SPI) module is a
synchronous serial interface useful for communicating
with other peripheral or microcontroller devices. These
peripheral devices may be serial EEPROMs, shift
registers, display drivers, A/D Converters, etc. The SPI
module is compatible with the Motorola® SPI and SIOP
interfaces. All devices in the PIC24FJ256GA705 family
include three SPI modules.
The module supports operation in two buffer modes. In
Standard Buffer mode, data is shifted through a single
serial buffer. In Enhanced Buffer mode, data is shifted
through a FIFO buffer. The FIFO level depends on the
configured mode.
Variable length data can be transmitted and received
from 2 to 32 bits.
The module also supports a basic framed SPI protocol
while operating in either Master or Slave mode. A total
of four framed SPI configurations are supported.
The module also supports Audio modes. Four different
Audio modes are available.
•I2S mode
• Left Justified mode
• Right Justified mode
• PCM/DSP mode
In each of these modes, the serial clock is free-running
and audio data is always transferred.
If an audio protocol data transfer takes place between
two devices, then usually one device is the master and
the other is the slave. However, audio data can be
transferred between two slaves. Because the audio
protocols require free-running clocks, the master can
be a third party controller. In either case, the master
generates two free-running clocks: SCKx and LRC
(Left, Right Channel Clock/SSx/FSYNC).
The SPI serial interface consists of four pins:
• SDIx: Serial Data Input
• SDOx: Serial Data Output
• SCKx: Shift Clock Input or Output
• SSx: Active-Low Slave Select or Frame
Synchronization I/O Pulse
The SPI module can be configured to operate using
two, three or four pins. In 3-pin mode, SSx is not used.
In 2-pin mode, both SDOx and SSx are not used.
The SPI module has the ability to generate three inter-
rupts reflecting the events that occur during the data
communication. The following types of interrupts can
be generated:
1.
Receive interrupts are signalled by SPIxRXIF.
This event occurs when:
- RX watermark interrupt
- SPIROV = 1
- SPIRBF = 1
- SPIRBE = 1
provided the respective mask bits are enabled in
SPIxIMSKL/H.
2.
Transmit interrupts are signalled by SPIxTXIF.
This event occurs when:
- TX watermark interrupt
- SPITUR = 1
- SPITBF = 1
- SPITBE = 1
provided the respective mask bits are enabled in
SPIxIMSKL/H.
3.
General interrupts are signalled by SPIxIF. This
event occurs when
- FRMERR = 1
- SPIBUSY = 1
-SRMT = 1
provided the respective mask bits are enabled in
SPIxIMSKL/H.
A block diagram of the module in Enhanced Buffer mode
is shown in Figure 17-1.
Note:
This data sheet summarizes the features of
the PIC24FJ256GA705 family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33/PIC24
Family
Reference
Manual”, “Serial Peripheral Interface
(SPI) with Audio Codec Support”
(DS70005136), which is available from the
Microchip website (www.microchip.com).
The
information
in this
data
sheet
supersedes the information in the FRM.
Note:
Do not perform Read-Modify-Write opera-
tions (such as bit-oriented instructions) on
the SPIxBUF register in either Standard or
Enhanced Buffer mode.
Note:
In this section, the SPI modules are
referred to together as SPIx, or separately
as SPI1, SPI2 or SPI3. Special Function
Registers will follow a similar notation. For
example, SPIxCON1 and SPIxCON2
refer to the control registers for any of the
three SPI modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com