Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 209 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 209 Page - Microchip Technology

Back Button DO16 Datasheet HTML 205Page - Microchip Technology DO16 Datasheet HTML 206Page - Microchip Technology DO16 Datasheet HTML 207Page - Microchip Technology DO16 Datasheet HTML 208Page - Microchip Technology DO16 Datasheet HTML 209Page - Microchip Technology DO16 Datasheet HTML 210Page - Microchip Technology DO16 Datasheet HTML 211Page - Microchip Technology DO16 Datasheet HTML 212Page - Microchip Technology DO16 Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 209
PIC24FJ256GA705 FAMILY
REGISTER 17-4:
SPIxSTATL: SPIx STATUS REGISTER LOW
U-0
U-0
U-0
HS/R/C-0
HSC/R-0
U-0
U-0
HSC/R-0
—
—
—
FRMERR
SPIBUSY
—
—
SPITUR(1)
bit 15
bit 8
HSC/R-0
HS/R/C-0
HSC/R-1
U-0
HSC/R-1
U-0
HSC/R-0
HSC/R-0
SRMT
SPIROV
SPIRBE
—
SPITBE
—
SPITBF
SPIRBF
bit 7
bit 0
Legend:
C = Clearable bit
HS = Hardware Settable bit
x = Bit is unknown
R = Readable bit
W = Writable bit
‘0’ = Bit is cleared
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
U = Unimplemented bit, read as ‘0’
bit 15-13
Unimplemented: Read as ‘0’
bit 12
FRMERR: SPIx Frame Error Status bit
1 = Frame error is detected
0 = No frame error is detected
bit 11
SPIBUSY: SPIx Activity Status bit
1 = Module is currently busy with some transactions
0 = No ongoing transactions (at time of read)
bit 10-9
Unimplemented: Read as ‘0’
bit 8
SPITUR: SPIx Transmit Underrun Status bit(1)
1 = Transmit buffer has encountered a Transmit Underrun condition
0 = Transmit buffer does not have a Transmit Underrun condition
bit 7
SRMT: Shift Register Empty Status bit
1 = No current or pending transactions (i.e., neither SPIxTXB or SPIxTXSR contains data to transmit)
0 = Current or pending transactions
bit 6
SPIROV: SPIx Receive Overflow Status bit
1 = A new byte/half-word/word has been completely received when the SPIxRXB is full
0 = No overflow
bit 5
SPIRBE: SPIx RX Buffer Empty Status bit
1 = RX buffer is empty
0 = RX buffer is not empty
Standard Buffer Mode:
Automatically set in hardware when SPIxBUF is read from, reading SPIxRXB. Automatically cleared in
hardware when SPIx transfers data from SPIxRXSR to SPIxRXB.
Enhanced Buffer Mode:
Indicates RXELM<5:0> = 6’b000000.
bit 4
Unimplemented: Read as ‘0’
bit 3
SPITBE: SPIx Transmit Buffer Empty Status bit
1 = SPIxTXB is empty
0 = SPIxTXB is not empty
Standard Buffer Mode:
Automatically set in hardware when SPIx transfers data from SPIxTXB to SPIxTXSR. Automatically
cleared in hardware when SPIxBUF is written, loading SPIxTXB.
Enhanced Buffer Mode:
Indicates TXELM<5:0> = 6’b000000.
Note 1:
SPITUR is cleared when SPIEN = 0. When IGNTUR = 1, SPITUR provides dynamic status of the Transmit
Underrun condition, but does not stop RX/TX operation and does not need to be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com