Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 249 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 249 Page - Microchip Technology

Back Button DO16 Datasheet HTML 245Page - Microchip Technology DO16 Datasheet HTML 246Page - Microchip Technology DO16 Datasheet HTML 247Page - Microchip Technology DO16 Datasheet HTML 248Page - Microchip Technology DO16 Datasheet HTML 249Page - Microchip Technology DO16 Datasheet HTML 250Page - Microchip Technology DO16 Datasheet HTML 251Page - Microchip Technology DO16 Datasheet HTML 252Page - Microchip Technology DO16 Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 249
PIC24FJ256GA705 FAMILY
REGISTER 20-8:
PMSTAT: EPMP STATUS REGISTER (SLAVE MODE ONLY)
HSC/R-0
HS/R/W-0
U-0
U-0
HSC/R-0
HSC/R-0
HSC/R-0
HSC/R-0
IBF
IBOV
—
—IB3F(1)
IB2F(1)
IB1F(1)
IB0F(1)
bit 15
bit 8
HSC/R-1
HS/R/W-0
U-0
U-0
HSC/R-1
HSC/R-1
HSC/R-1
HSC/R-1
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
bit 7
bit 0
Legend:
HS = Hardware Settable bit
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
IBF: Input Buffer Full Status bit
1 = All writable Input Buffer registers are full
0 = Some or all of the writable Input Buffer registers are empty
bit 14
IBOV: Input Buffer Overflow Status bit
1 = A write attempt to a full Input register occurred (must be cleared in software)
0 = No overflow occurred
bit 13-12
Unimplemented: Read as ‘0’
bit 11-8
IB3F:IB0F: Input Buffer x Status Full bits(1)
1 = Input buffer contains unread data (reading the buffer will clear this bit)
0 = Input buffer does not contain unread data
bit 7
OBE: Output Buffer Empty Status bit
1 = All readable Output Buffer registers are empty
0 = Some or all of the readable Output Buffer registers are full
bit 6
OBUF: Output Buffer Underflow Status bit
1 = A read occurred from an empty Output Buffer register (must be cleared in software)
0 = No underflow occurred
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
OB3E:OB0E: Output Buffer x Status Empty bits
1 = Output Buffer x is empty (writing data to the buffer will clear this bit)
0 = Output Buffer x contains untransmitted data
Note 1:
Even though an individual bit represents the byte in the buffer, the bits corresponding to the word
(Byte 0 and 1 or Byte 2 and 3) get cleared, even on byte reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com