Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 262 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 262 Page - Microchip Technology

Back Button DO16 Datasheet HTML 258Page - Microchip Technology DO16 Datasheet HTML 259Page - Microchip Technology DO16 Datasheet HTML 260Page - Microchip Technology DO16 Datasheet HTML 261Page - Microchip Technology DO16 Datasheet HTML 262Page - Microchip Technology DO16 Datasheet HTML 263Page - Microchip Technology DO16 Datasheet HTML 264Page - Microchip Technology DO16 Datasheet HTML 265Page - Microchip Technology DO16 Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 262
 2016-2018 Microchip Technology Inc.
21.3.4
ALARM VALUE REGISTERS
REGISTER 21-11: ALMTIMEL: RTCC ALARM TIME REGISTER (LOW)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
SECTEN<2:0>: Binary Coded Decimal Value of Seconds ‘10’ Digit bits
Contains a value from 0 to 5.
bit 11-8
SECONE<3:0>: Binary Coded Decimal Value of Seconds ‘1’ Digit bits
Contains a value from 0 to 9.
bit 7-0
Unimplemented: Read as ‘0’
REGISTER 21-12: ALMTIMEH: RTCC ALARM TIME REGISTER (HIGH)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-12
HRTEN<1:0>: Binary Coded Decimal Value of Hours ‘10’ Digit bits
Contains a value from 0 to 2.
bit 11-8
HRONE<3:0>: Binary Coded Decimal Value of Hours ‘1’ Digit bits
Contains a value from 0 to 9.
bit 7
Unimplemented: Read as ‘0’
bit 6-4
MINTEN<2:0>: Binary Coded Decimal Value of Minutes ‘10’ Digit bits
Contains a value from 0 to 5.
bit 3-0
MINONE<3:0>: Binary Coded Decimal Value of Minutes ‘1’ Digit bits
Contains a value from 0 to 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com