Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 283 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 283 Page - Microchip Technology

Back Button DO16 Datasheet HTML 279Page - Microchip Technology DO16 Datasheet HTML 280Page - Microchip Technology DO16 Datasheet HTML 281Page - Microchip Technology DO16 Datasheet HTML 282Page - Microchip Technology DO16 Datasheet HTML 283Page - Microchip Technology DO16 Datasheet HTML 284Page - Microchip Technology DO16 Datasheet HTML 285Page - Microchip Technology DO16 Datasheet HTML 286Page - Microchip Technology DO16 Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 283
PIC24FJ256GA705 FAMILY
TABLE 23-1:
MODULE-SPECIFIC INPUT DATA SOURCES
Bit Field Value
Input Source
CLC1
CLC2
DS4<2:0>
011
SDI1
SDI2
001
CLC2 Output
CLC1 Output
DS3<2:0>
100
U1RX
U2RX
011
SDO1
SDO2
001
CLC1 Output
CLC2 Output
DS2<2:0>
011
U1TX
U2TX
001
CLC2 Output
CLC1 Output
REGISTER 23-4:
CLCxGLSL: CLCx GATE LOGIC INPUT SELECT LOW REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
G2D4T
G2D4N
G2D3T
G2D3N
G2D2T
G2D2N
G2D1T
G2D1N
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
G1D4T
G1D4N
G1D3T
G1D3N
G1D2T
G1D2N
G1D1T
G1D1N
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
G2D4T: Gate 2 Data Source 4 True Enable bit
1 = The Data Source 4 signal is enabled for Gate 2
0 = The Data Source 4 signal is disabled for Gate 2
bit 14
G2D4N: Gate 2 Data Source 4 Negated Enable bit
1 = The Data Source 4 inverted signal is enabled for Gate 2
0 = The Data Source 4 inverted signal is disabled for Gate 2
bit 13
G2D3T: Gate 2 Data Source 3 True Enable bit
1 = The Data Source 3 signal is enabled for Gate 2
0 = The Data Source 3 signal is disabled for Gate 2
bit 12
G2D3N: Gate 2 Data Source 3 Negated Enable bit
1 = The Data Source 3 inverted signal is enabled for Gate 2
0 = The Data Source 3 inverted signal is disabled for Gate 2
bit 11
G2D2T: Gate 2 Data Source 2 True Enable bit
1 = The Data Source 2 signal is enabled for Gate 2
0 = The Data Source 2 signal is disabled for Gate 2
bit 10
G2D2N: Gate 2 Data Source 2 Negated Enable bit
1 = The Data Source 2 inverted signal is enabled for Gate 2
0 = The Data Source 2 inverted signal is disabled for Gate 2
bit 9
G2D1T: Gate 2 Data Source 1 True Enable bit
1 = The Data Source 1 signal is enabled for Gate 2
0 = The Data Source 1 signal is disabled for Gate 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com