Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 293 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 293 Page - Microchip Technology

Back Button DO16 Datasheet HTML 289Page - Microchip Technology DO16 Datasheet HTML 290Page - Microchip Technology DO16 Datasheet HTML 291Page - Microchip Technology DO16 Datasheet HTML 292Page - Microchip Technology DO16 Datasheet HTML 293Page - Microchip Technology DO16 Datasheet HTML 294Page - Microchip Technology DO16 Datasheet HTML 295Page - Microchip Technology DO16 Datasheet HTML 296Page - Microchip Technology DO16 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 293
PIC24FJ256GA705 FAMILY
REGISTER 24-1:
AD1CON1: A/D CONTROL REGISTER 1
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADON
—ADSIDL
DMABM(1)
DMAEN
MODE12
FORM1
FORM0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
HSC/R/W-0
HSC/R/C-0
SSRC3
SSRC2
SSRC1
SSRC0
—
ASAM
SAMP
DONE
bit 7
bit 0
Legend:
C = Clearable bit
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON: A/D Operating Mode bit
1 = A/D Converter is operating
0 = A/D Converter is off
bit 14
Unimplemented: Read as ‘0’
bit 13
ADSIDL: A/D Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
DMABM: Extended DMA Buffer Mode Select bit(1)
1 = Extended Buffer mode: Buffer address is defined by the DMADSTn register
0 = PIA mode: Buffer addresses are defined by the DMA Controller and AD1CON4<2:0>
bit 11
DMAEN: Extended DMA/Buffer Enable bit
1 = Extended DMA and buffer features are enabled
0 = Extended features are disabled
bit 10
MODE12: A/D 12-Bit Operation Mode bit
1 = 12-bit A/D operation
0 = 10-bit A/D operation
bit 9-8
FORM<1:0>: Data Output Format bits (see formats following)
11 = Fractional result, signed, left justified
10 = Absolute fractional result, unsigned, left justified
01 = Decimal result, signed, right justified
00 = Absolute decimal result, unsigned, right justified
bit 7-4
SSRC<3:0>: Sample Clock Source Select bits
0000 = SAMP is cleared by software
0001 = INT0
0010 = Timer3
0100 = CTMU trigger
0101 = Timer1 (will not trigger during Sleep mode)
0110 = Timer1 (may trigger during Sleep mode)
0111 = Auto-Convert mode
bit 3
Unimplemented: Read as ‘0’
bit 2
ASAM: A/D Sample Auto-Start bit
1 = Sampling begins immediately after last conversion; SAMP bit is auto-set
0 = Sampling begins when SAMP bit is manually set
Note 1:
This bit is only available when Extended DMA and buffer features are available (DMAEN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com