Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 350 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 350 Page - Microchip Technology

Back Button DO16 Datasheet HTML 346Page - Microchip Technology DO16 Datasheet HTML 347Page - Microchip Technology DO16 Datasheet HTML 348Page - Microchip Technology DO16 Datasheet HTML 349Page - Microchip Technology DO16 Datasheet HTML 350Page - Microchip Technology DO16 Datasheet HTML 351Page - Microchip Technology DO16 Datasheet HTML 352Page - Microchip Technology DO16 Datasheet HTML 353Page - Microchip Technology DO16 Datasheet HTML 354Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 350
 2016-2018 Microchip Technology Inc.
TABLE 31-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS
Field
Description
#text
Means literal defined by “text”
(text)
Means “content of text”
[text]
Means “the location addressed by text”
{ }
Optional field or operation
<n:m>
Register bit field
.b
Byte mode selection
.d
Double-Word mode selection
.S
Shadow register select
.w
Word mode selection (default)
bit4
4-bit Bit Selection field (used in word addressed instructions)
{0...15}
C, DC, N, OV, Z
MCU Status bits: Carry, Digit Carry, Negative, Overflow, Sticky Zero
Expr
Absolute address, label or expression (resolved by the linker)
f
File register address
{0000h...1FFFh}
lit1
1-bit unsigned literal
{0,1}
lit4
4-bit unsigned literal
{0...15}
lit5
5-bit unsigned literal
{0...31}
lit8
8-bit unsigned literal
{0...255}
lit10
10-bit unsigned literal
{0...255} for Byte mode, {0...1023} for Word mode
lit14
14-bit unsigned literal
{0...16383}
lit16
16-bit unsigned literal
{0...65535}
lit23
23-bit unsigned literal
{0...8388607}; LSb must be ‘0’
None
Field does not require an entry, may be blank
PC
Program Counter
Slit10
10-bit signed literal
{-512...511}
Slit16
16-bit signed literal
{-32768...32767}
Slit6
6-bit signed literal
{-16...16}
Wb
Base W register
{W0..W15}
Wd
Destination W register
{ Wd, [Wd], [Wd++], [Wd--], [++Wd], [--Wd] }
Wdo
Destination W register

{ Wnd, [Wnd], [Wnd++], [Wnd--], [++Wnd], [--Wnd], [Wnd+Wb] }
Wm,Wn
Dividend, Divisor Working register pair (direct addressing)
Wn
One of 16 Working registers
{W0..W15}
Wnd
One of 16 destination Working registers
{W0..W15}
Wns
One of 16 source Working registers
{W0..W15}
WREG
W0 (Working register used in file register instructions)
Ws
Source W register
{ Ws, [Ws], [Ws++], [Ws--], [++Ws], [--Ws] }
Wso
Source W register
{ Wns, [Wns], [Wns++], [Wns--], [++Wns], [--Wns], [Wns+Wb] }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com