Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 357 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 357 Page - Microchip Technology

Back Button DO16 Datasheet HTML 353Page - Microchip Technology DO16 Datasheet HTML 354Page - Microchip Technology DO16 Datasheet HTML 355Page - Microchip Technology DO16 Datasheet HTML 356Page - Microchip Technology DO16 Datasheet HTML 357Page - Microchip Technology DO16 Datasheet HTML 358Page - Microchip Technology DO16 Datasheet HTML 359Page - Microchip Technology DO16 Datasheet HTML 360Page - Microchip Technology DO16 Datasheet HTML 361Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 357
PIC24FJ256GA705 FAMILY
32.0 ELECTRICAL CHARACTERISTICS
This section provides an overview of the PIC24FJ256GA705 family electrical characteristics. Additional information
will be provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the PIC24FJ256GA705 family are listed below. Exposure to these maximum rating
conditions for extended periods may affect device reliability. Functional operation of the device at these, or any other
conditions above the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings(†)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any general purpose digital or analog pin (not 5.5V tolerant) with respect to VSS ....... -0.3V to (VDD + 0.3V)
Voltage on any general purpose digital or analog pin (5.5V tolerant, including MCLR) with respect to VSS:
When VDD = 0V: .......................................................................................................................... -0.3V to +4.0V
When VDD
 2.0V: ....................................................................................................................... -0.3V to +6.0V
Voltage on AVDD with respect to VSS ...................................................(VDD – 0.3V) to (lesser of: 4.0V or (VDD + 0.3V))
Voltage on AVSS with respect to VSS ........................................................................................................ -0.3V to +0.3V
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin (Note 1)................................................................................................................250 mA
Maximum output current sunk by any I/O pin .........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................25 mA
Maximum current sunk by all ports .......................................................................................................................200 mA
Maximum current sourced by all ports (Note 1)....................................................................................................200 mA
Note 1:
Maximum allowable current is a function of device maximum power dissipation (see Table 32-1).
†
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com