Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 379 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 379 Page - Microchip Technology

Back Button DO16 Datasheet HTML 375Page - Microchip Technology DO16 Datasheet HTML 376Page - Microchip Technology DO16 Datasheet HTML 377Page - Microchip Technology DO16 Datasheet HTML 378Page - Microchip Technology DO16 Datasheet HTML 379Page - Microchip Technology DO16 Datasheet HTML 380Page - Microchip Technology DO16 Datasheet HTML 381Page - Microchip Technology DO16 Datasheet HTML 382Page - Microchip Technology DO16 Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 379
PIC24FJ256GA705 FAMILY
33.0 PACKAGING INFORMATION
33.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
28-Lead SSOP (5.30 mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ256
GA702
1810017
28-Lead SOIC (7.50 mm)
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ256GA702
1810017
28-Lead UQFN (4x4x0.5 mm)
XXXXXX
XXXXXX
YYWWNNN
FJ256
GA702
1810017
Example
XXXXXXXX
28-Lead QFN (6x6 mm)
XXXXXXXX
YYWWNNN
24FJ256
Example
GA702
1810017
XXXXX
PIC24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com