Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 117 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 117 Page - Microchip Technology

Back Button DO16 Datasheet HTML 113Page - Microchip Technology DO16 Datasheet HTML 114Page - Microchip Technology DO16 Datasheet HTML 115Page - Microchip Technology DO16 Datasheet HTML 116Page - Microchip Technology DO16 Datasheet HTML 117Page - Microchip Technology DO16 Datasheet HTML 118Page - Microchip Technology DO16 Datasheet HTML 119Page - Microchip Technology DO16 Datasheet HTML 120Page - Microchip Technology DO16 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 117
PIC24FJ256GA705 FAMILY
REGISTER 10-1:
PMD1: PERIPHERAL MODULE DISABLE REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
—
—
T3MD
T2MD
T1MD
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
I2C1MD
U2MD
U1MD
SPI2MD
SPI1MD
—
—
ADC1MD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
T3MD: Timer3 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 12
T2MD: Timer2 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 11
T1MD: Timer1 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 10-8
Unimplemented: Read as ‘0’
bit 7
I2C1MD: I2C1 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 6
U2MD: UART2 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 5
U1MD: UART1 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 4
SPI2MD: SPI2 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 3
SPI1MD: SPI1 Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled
bit 2-1
Unimplemented: Read as ‘0’
bit 0
ADC1MD: A/D Converter Module Disable bit
1 = Module is disabled
0 = Module power and clock sources are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com