Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 339 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 339 Page - Microchip Technology

Back Button D131 Datasheet HTML 335Page - Microchip Technology D131 Datasheet HTML 336Page - Microchip Technology D131 Datasheet HTML 337Page - Microchip Technology D131 Datasheet HTML 338Page - Microchip Technology D131 Datasheet HTML 339Page - Microchip Technology D131 Datasheet HTML 340Page - Microchip Technology D131 Datasheet HTML 341Page - Microchip Technology D131 Datasheet HTML 342Page - Microchip Technology D131 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 339
PIC24FJ256GA705 FAMILY
REGISTER 29-9:
FDEVOPT1 CONFIGURATION REGISTER
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 15
bit 8
U-1
U-1
U-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
U-1
—
—
—
ALTI2C1
SOSCHP
TMPRPIN
ALTCMPI
—
bit 7
bit 0
Legend:
PO = Program Once bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-5
Unimplemented: Read as ‘1’
bit 4
ALTI2C1: Alternate I2C1 bit
1 = SDA1 and SCL1 on RB9 and RB8
0 = ASDA1 and ASCL1 on RB5 and RB6
bit 3
SOSCHP: SOSC High-Power Enable bit (valid only when SOSCSEL = 1)
1 = SOSC High-Power mode is enabled
0 = SOSC Low-Power mode is enabled (see Section 9.7.3 “Low-Power SOSC Operation” for more
information)
bit 2
TMPRPIN: Tamper Pin Enable bit
1 = TMPRN pin function is disabled (RB9)
0 = TMPRN pin function is enabled
bit 1
ALTCMPI: Alternate Comparator Input Enable bit
1 = C1INC, C2INC and C3INC are on their standard pin locations
0 = C1INC, C2INC and C3INC are on RB9(1)
bit 0
Unimplemented: Read as ‘1’
Note 1:
RB9 is used for multiple functions, but only one use case is allowable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com