Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 341 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 341 Page - Microchip Technology

Back Button D131 Datasheet HTML 337Page - Microchip Technology D131 Datasheet HTML 338Page - Microchip Technology D131 Datasheet HTML 339Page - Microchip Technology D131 Datasheet HTML 340Page - Microchip Technology D131 Datasheet HTML 341Page - Microchip Technology D131 Datasheet HTML 342Page - Microchip Technology D131 Datasheet HTML 343Page - Microchip Technology D131 Datasheet HTML 344Page - Microchip Technology D131 Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 341
PIC24FJ256GA705 FAMILY
29.3
On-Chip Voltage Regulator
All PIC24FJ256GA705 family devices power their core
digital logic at a nominal 1.8V. This may create an issue
for designs that are required to operate at a higher
typical voltage, such as 3.3V. To simplify system
design, all devices in the PIC24FJ256GA705 family
incorporate an on-chip regulator that allows the device
to run its core logic from VDD.
This regulator is always enabled. It provides a constant
voltage (1.8V nominal) to the digital core logic, from a
VDD of about 2.1V, all the way up to the device’s
VDDMAX. It does not have the capability to boost VDD
levels. In order to prevent “brown-out” conditions when
the voltage drops too low for the regulator, the Brown-
out Reset occurs. Then, the regulator output follows
VDD with a typical voltage drop of 300 mV.
A low-ESR capacitor (such as ceramic) must be
connected to the VCAP pin (Figure 29-1). This helps to
maintain the stability of the regulator. The recommended
value for the filter capacitor (CEFC) is provided in
Section 32.1 “DC Characteristics”.
FIGURE 29-1:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
29.3.1
ON-CHIP REGULATOR AND POR
The voltage regulator takes approximately 10 µs for it
to generate output. During this time, designated as
TVREG, code execution is disabled. TVREG is applied
every time the device resumes operation after any
power-down, including Sleep mode. TVREG is deter-
mined by the status of the VREGS bit (RCON<8>) and
the WDTWIN<1:0> Configuration bits (FWDT<9:8>).
Refer to Section 32.0 “Electrical Characteristics” for
more information on TVREG.
29.3.2
VOLTAGE REGULATOR STANDBY
MODE
The on-chip regulator always consumes a small incre-
mental amount of current over IDD/IPD, including when
the device is in Sleep mode, even though the core
digital logic does not require power. To provide addi-
tional savings in applications where power resources
are critical, the regulator can be made to enter Standby
mode, on its own, whenever the device goes into Sleep
mode. This feature is controlled by the VREGS bit
(RCON<8>). Clearing the VREGS bit enables the
Standby mode. When waking up from Standby mode,
the regulator needs to wait for TVREG to expire before
wake-up.
29.3.3
LOW-VOLTAGE RETENTION
REGULATOR
When in Sleep mode, PIC24FJ256GA705 family
devices may use a separate low-power, low-voltage
retention regulator to power critical circuits. This regu-
lator, which operates at 1.2V nominal, maintains power
to data RAM and the RTCC while all other core digital
logic is powered down. The low-voltage retention regu-
lator is described in more detail in Section 10.2.4
“Low-Voltage Retention Regulator”.
VDD
VCAP
VSS
PIC24FJXXXGA70X
CEFC
3.3V(1)
Note 1:
This is a typical operating voltage. Refer to
Section 32.0 “Electrical Characteristics”
for the full operating ranges of VDD.
(10
F typ)
Note:
For more information, see Section 32.0
“Electrical Characteristics”. The informa-
tion in this data sheet supersedes the
information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com