Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 395 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 395 Page - Microchip Technology

Back Button D131 Datasheet HTML 391Page - Microchip Technology D131 Datasheet HTML 392Page - Microchip Technology D131 Datasheet HTML 393Page - Microchip Technology D131 Datasheet HTML 394Page - Microchip Technology D131 Datasheet HTML 395Page - Microchip Technology D131 Datasheet HTML 396Page - Microchip Technology D131 Datasheet HTML 397Page - Microchip Technology D131 Datasheet HTML 398Page - Microchip Technology D131 Datasheet HTML 399Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 395
PIC24FJ256GA705 FAMILY
Microchip Technology Drawing C04-076C Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
L
(L1)
c
θ
SECTION A-A
H
Number of Leads
Overall Height
Lead Width
Overall Width
Overall Length
Lead Length
Molded Package Width
Molded Package Length
Molded Package Thickness
Lead Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E1
D1
A2
e
L
E
N
0.80 BSC
0.45
0.30
-
0.05
0.37
12.00 BSC
0.60
10.00 BSC
10.00 BSC
-
-
12.00 BSC
MILLIMETERS
MIN
NOM
44
0.75
0.45
1.20
0.15
MAX
0.95
1.00
1.05
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Exact shape of each corner is optional.
Dimensioning and tolerancing per ASME Y14.5M
Footprint
L1
1.00 REF
θ
3.5°
0°
7°
Foot Angle
Lead Thickness
c
0.09
-
0.20
44-Lead Plastic Thin Quad Flatpack (PT) - 10x10x1.0 mm Body [TQFP]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com