Electronic Components Datasheet Search
  English  ▼

X  

D131 Datasheet(PDF) 396 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 396 Page - Microchip Technology

Back Button D131 Datasheet HTML 392Page - Microchip Technology D131 Datasheet HTML 393Page - Microchip Technology D131 Datasheet HTML 394Page - Microchip Technology D131 Datasheet HTML 395Page - Microchip Technology D131 Datasheet HTML 396Page - Microchip Technology D131 Datasheet HTML 397Page - Microchip Technology D131 Datasheet HTML 398Page - Microchip Technology D131 Datasheet HTML 399Page - Microchip Technology D131 Datasheet HTML 400Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 396
 2016-2018 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
44-Lead Plastic Thin Quad Flatpack (PT) - 10X10X1 mm Body, 2.00 mm Footprint [TQFP]
SILK SCREEN
1
2
44
C1
E
G
Y1
X1
C2
Contact Pad Width (X44)
0.25
Contact Pad Length (X44)
Distance Between Pads
X1
Y1
G
1.50
Contact Pad Spacing
Contact Pitch
C1
E
Units
Dimension Limits
11.40
0.55
0.80 BSC
MILLIMETERS
MAX
MIN
NOM
11.40
C2
Contact Pad Spacing
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1. Dimensioning and tolerancing per ASME Y14.5M
Notes:
Microchip Technology Drawing No. C04-2076B
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com