Electronic Components Datasheet Search
  English  ▼

X  

W8405 Datasheet(PDF) 2 Page - IXYS Corporation

Part # W8405
Description  Rectifier Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

W8405 Datasheet(HTML) 2 Page - IXYS Corporation

  W8405 Datasheet HTML 1Page - IXYS Corporation W8405 Datasheet HTML 2Page - IXYS Corporation W8405 Datasheet HTML 3Page - IXYS Corporation W8405 Datasheet HTML 4Page - IXYS Corporation W8405 Datasheet HTML 5Page - IXYS Corporation W8405 Datasheet HTML 6Page - IXYS Corporation W8405 Datasheet HTML 7Page - IXYS Corporation W8405 Datasheet HTML 8Page - IXYS Corporation W8405 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rectifier Diode Types W8405Z#100 to W8405Z#140
Data Sheet. Types W8405Z#100 to W8405Z#140 Issue 2
Page 2 of 10
July, 2014
Characteristics
PARAMETER
MIN.
TYP.
MAX. TEST CONDITIONS (Note 1)
UNITS
VFM
Maximum peak forward voltage
-
-
0.93
IFM=6800A
V
VT0
Threshold voltage
-
-
0.67
V
rT
Slope resistance
-
-
0.038
m
IRRM
Peak reverse current
-
-
100
Rated VRRM
mA
RthJK
Thermal resistance, junction to heatsink
-
-
0.011
Double side cooled
K/W
-
-
0.022
Single side cooled
K/W
F
Mounting force
27
-
47
Note 2
kN
Wt
Weight
1.7
kg
Notes:-
1) Unless otherwise indicated Tj=190°C.
2) For other clamp forces, please consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com