Electronic Components Datasheet Search
  English  ▼

X  

W8405 Datasheet(PDF) 4 Page - IXYS Corporation

Part # W8405
Description  Rectifier Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

W8405 Datasheet(HTML) 4 Page - IXYS Corporation

  W8405 Datasheet HTML 1Page - IXYS Corporation W8405 Datasheet HTML 2Page - IXYS Corporation W8405 Datasheet HTML 3Page - IXYS Corporation W8405 Datasheet HTML 4Page - IXYS Corporation W8405 Datasheet HTML 5Page - IXYS Corporation W8405 Datasheet HTML 6Page - IXYS Corporation W8405 Datasheet HTML 7Page - IXYS Corporation W8405 Datasheet HTML 8Page - IXYS Corporation W8405 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rectifier Diode Types W8405Z#100 to W8405Z#140
Data Sheet. Types W8405Z#100 to W8405Z#140 Issue 2
Page 4 of 10
July, 2014
5.2 Calculating VF using ABCD Coefficients
The forward characteristic IF vs. VF, on page 8 is represented in two ways;
(i)
the well established VT0 and rT tangent used for rating purposes and
(ii)
a set of constants A, B, C, D, forming the coefficients of the representative equation for VF in
terms of IF given below:
 
F
F
F
F
I
D
I
C
I
B
A
V
ln
The constants, derived by curve fitting software, are given below for both hot and cold characteristics. The
resulting values for VF agree with the true device characteristic over a current range, which is limited to
that plotted.
25°C Coefficients
190°C Coefficients
A
0.5426215
A
0.2798311
B
0.05007122
B
0.05544857
C
3.662236×10-5
C
3.989276×10-5
D
-1.731167×10-3
D
-1.369681×10-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com