Electronic Components Datasheet Search
  English  ▼

X  

W8405 Datasheet(PDF) 3 Page - IXYS Corporation

Part # W8405
Description  Rectifier Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

W8405 Datasheet(HTML) 3 Page - IXYS Corporation

  W8405 Datasheet HTML 1Page - IXYS Corporation W8405 Datasheet HTML 2Page - IXYS Corporation W8405 Datasheet HTML 3Page - IXYS Corporation W8405 Datasheet HTML 4Page - IXYS Corporation W8405 Datasheet HTML 5Page - IXYS Corporation W8405 Datasheet HTML 6Page - IXYS Corporation W8405 Datasheet HTML 7Page - IXYS Corporation W8405 Datasheet HTML 8Page - IXYS Corporation W8405 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rectifier Diode Types W8405Z#100 to W8405Z#140
Data Sheet. Types W8405Z#100 to W8405Z#140 Issue 2
Page 3 of 10
July, 2014
Notes on Ratings and Characteristics
1.0 Voltage Grade Table
Voltage Grade
VRRM
V
VRSM
V
VR
DC V
10
1000
1100
700
14
1400
1500
930
2.0 Extension of Voltage Grades
This report is applicable to other voltage grades when supply has been agreed by Sales/Production.
3.0 De-rating Factor
A blocking voltage de-rating factor of 0.13%/°C is applicable to this device for Tj below 25°C.
4.0 Snubber Components
When selecting snubber components, care must be taken not to use excessively large values of snubber
capacitor or excessively small values of snubber resistor. Such excessive component values may lead to
device damage due to the large resultant values of snubber discharge current. If required, please consult
the factory for assistance.
5.0 Computer Modelling Parameters
5.1 Device Dissipation Calculations
T
AV
T
T
T
AV
r
ff
W
r
ff
V
V
I
2
2
2
0
0
2
4
and:
K
j
th
AV
T
T
T
R
T
W
max
Where VT0=0.67V, rT=0.038m

Rth = Supplementary thermal impedance, see table below and
ff = Form factor, see table below.
Supplementary Thermal Impedance
Conduction Angle
6 phase (60°)
3 phase (120°)
½ wave (180°)
d.c.
Square wave Double Side Cooled
0.0144
0.0132
0.0126
0.0116
Square wave Cathode Side Cooled
0.0262
0.0251
0.0244
0.0235
Sine wave Double Side Cooled
0.0133
0.0124
0.0115
Sine wave Cathode Side Cooled
0.0253
0.0244
0.0234
Form Factors
Conduction Angle
6 phase (60°)
3 phase (120°)
½ wave (180°)
d.c.
Square wave
2.449
1.732
1.414
1
Sine wave
2.778
1.879
1.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com