Electronic Components Datasheet Search
  English  ▼

X  

TDS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TDS
Description  SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TD-2 PennEngineering • www.pemnet.com
PEM® TY-D® self-clinching tie-mounts provide secure metal attachment points for mounting wires to electronic chassis
or enclosures. TY-D® hardware can be a great improvement over traditional mounting methods. They can be placed with
assurance at designed locations and angles to remain secure for the life of the assembly.
• Installs quickly and permanently without screws
• Eliminates the use of adhesives that typically fail over time and temperature cycling
• Will not protrude on the reverse side, panel remains flush
• Fasteners ensure wire placement in desired location
TDS™ cable tie-mounts allow users to easily slide ties through the hardware’s “eye” for fast cable mounting.
Fastener drawings and
models are available at
www.pemnet.com
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
Depending on placement of the
fastener within the mounting hole, on
the reverse side of the sheet, a slight
gap may be noticeable along the non-
clinching edges of the fastener after
installation. If gap is not acceptable
in your application, check with
techsupport for a solution.
The mounting hole is defined by two
dimensions. The two thick lines shown must
be straight for the entire length defined
by “Side 2” and must be separated by the
distance shown as “Side 1” (Side 1 and Side 2
are the two dimensions given for the mounting
hole on pages 3 and 4). The illustration shows
three examples (#1, #2, and #3) of how it can
be achieved. Example #4 in the lower right
side will not work.
MOUNTING HOLE EXAMPLES
Side 2
Side 1
#1
Side 2
Side 1
#2
Side 2
Side 1
#3
Side 2
Side 1
#4
Mounting Hole Examples
All PEM® products meet our stringent quality standards. If you require additional industry or other specific quality certifications, special procedures and/or part
numbers are required. Please contact your local sales office or representative for further information.
Regulatory compliance information is available in Technical Support section of our website. Specifications subject to change without notice. See our website for the
most current version of this bulletin.
© 2022 PennEngineering.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com