Electronic Components Datasheet Search
  English  ▼

X  

TDS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TDS
Description  SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PennEngineering • www.pemnet.com
TD-4
INSTALLATION
1. Punch a properly sized rectangular mounting hole in the sheet. Do not
perform any secondary operations such as deburring.
2. Place the fastener through the mounting hole (preferably the punch side)
and into the anvil.
3. With the installation punch and anvil surfaces parallel, apply a squeezing
force until the bottom of the fastener becomes flush with the sheet.
Installation Tooling
NOTE: The punch must be large enough to cover the
entire base of the fastener to ensure proper installation.
W
ANVIL
PUNCH
G* +.010”/
+0.25mm Min.
L* +.005”/
+0.13mm Min.
flat length all
sides
* For “G” and “L”,
see pag 3.
All dimensions are in inches.
All dimensions are in millimeters.
INSTALLATION NOTES
• For best results we recommend using a HAEGER® or
PEMSERTER® machine for installation of PEM® self-clinching
fasteners. Please e-mail installationmachineinfo@pemnet.com
for more information.
• Visit the Animation Library on our website to view the
installation process for this product.
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
HAEGER® Part No.
PEMSERTER® Part No.
Part
W
Number
Anvil
Punch
Anvil
Punch
±.001
TDS-40-4
14-01827-L
H-108-0020L
8006136
8003076
.251
TDS-60-6
14-01828-L
H-108-0020L
8006137
8003076
.313
TDS-175-12
14-01829-L
H-108-0020L
8006138
8003076
.501
HAEGER® Part No.
PEMSERTER® Part No.
Part
W
Number
Anvil
Punch
Anvil
Punch
±0.03
TDS-40-4
14-01827-L
H-108-0020L
8006136
8003076
6.36
TDS-60-6
14-01828-L
H-108-0020L
8006137
8003076
7.95
TDS-175-12
14-01829-L
H-108-0020L
8006138
8003076
12.73
For Additional HAEGER® and PEMSERTER® Tooling Information / Part Numbers
Or download the
HAEGER WIZZARD Phone App
HAEGER® MANUAL TOOLING CATALOG
PEMSERTER® MANUAL TOOLING CATALOG
HAEGER® AUTO TOOLING CATALOG
PEMSERTER® AUTO TOOLING CATALOG
Go to haeger.com to access
the Auto and Manual Tooling Wizards
} }



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com