Electronic Components Datasheet Search
  English  ▼

X  

TDS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDS
Description  SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PennEngineering • www.pemnet.com
TD-3
(1) Reference to typical load rating (in pounds) for appropriate size nylon cable tie.
40
60
175
Profile Shown Actual Size.
All dimensions are in inches.
All dimensions are in millimeters.
TDS™ CABLE TIE-MOUNTS
L
C
B
E
G
D
A
M
K
Hole In Sheet
.005”/0.13mm R Max.
(TYP.)
Clinching profile may vary.
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
Type
Length
Hole Size
Height
Min. Hole
Min. Hole
Profile (1)
Length
L
Sheet
In Sheet
A
B
C
D
E
G
Edge To
Edge To
Stainless Steel
Code
±.003
Thickness
+.002 -.001
±.003
±.006
±.006
±.006
±.006
±.006
Sheet Edge
Sheet Edge
K
M
TDS
40
4
.121
.040 - .050
.250 x .125
.246
.055
.065
.160
.308
.150
.040
.147
TDS
60
6
.184
.040 - .070
.312 x .187
.308
.075
.065
.205
.370
.180
.040
.196
TDS
175
12
.371
.040 - .125
.500 x .375
.496
.130
.095
.360
.562
.285
.040
.262
Type
Length
Hole Size
Height
Min. Hole
Min. Hole
Profile (1)
Length
L
Sheet
In Sheet
A
B
C
D
E
G
Edge To
Edge To
Stainless Steel
Code
±0.08
Thickness
+0.05 –0.03
±0.08
±0.15
±0.15
±0.15
±0.15
±0.15
Sheet Edge
Sheet Edge
K
M
TDS
40
4
3.07
1.02 - 1.27
6.35 x 3.18
6.25
1.4
1.65
4.06
7.82
3.81
1.02
3.73
TDS
60
6
4.67
1.02 -1.78
7.93 x 4.75
7.82
1.91
1.65
5.21
9.4
4.57
1.02
4.98
TDS
175
12
9.42
1.02 - 3.18
12.7 x 9.53
12.6
3.3
2.4
9.14
14.28
7.24
1.02
6.65
TD S – 60 – 6
TD S – 60 – 6
ZI
Type
PART NUMBER DESIGNATION
Profile
Length
Code
Finish
Code
Material
Code
(2) See PEM Technical Support section of our web site for related plating standards and specifications.
(3) When applied to stainless steel base metal a nickel strike is used under the zinc for improved adhesion
(4) HRB - Hardness Rockwell “B” Scale. HB - Hardness Brinell.
MATERIAL AND FINISH SPECIFICATIONS
Material: 17-4 Stainless Steel
Standard Finish: Passivated and/or tested per ASTM A380
Optional Finish: ZI - Zinc plated 8µm, Colorless, over Nickel Strike (2) (3)
For use in Sheet Hardness: HRB 70 / HB 125 or Less (4)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com