Electronic Components Datasheet Search
  English  ▼

X  

G9KA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9KA
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KA Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9KA Datasheet HTML 1Page - Omron Electronics LLC G9KA Datasheet HTML 2Page - Omron Electronics LLC G9KA Datasheet HTML 3Page - Omron Electronics LLC G9KA Datasheet HTML 4Page - Omron Electronics LLC G9KA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
G9KA
PCB Power Relays
G
9
K
A
Characteristics
Note. The values given above are initial values at 23°C. (Except Electrical Durability)
*1.
Measurement conditions: 200 A at 6 VDC (after 30 minutes) voltage drop method.
*2.
Measurement conditions: Applied rated coil voltage, no contact bouncing.
*3.
Measurement conditions: Measured with a 1,000 VDC megohmmeter at the same point as the dielectric strength was measured.
*4.
This specification is when diode and zener diode are used. For relay coil, please connect diode and zener diode.
For more detail, please refer to
Diode Connection for Operating Coil on page 4.
*5.
The value was measured at a switching frequency of 180 operations/ minute.
*6.
For the detail regarding holding voltage usage, please refer to
Coil Voltage Reduction (holding voltage) after Relay Operation on page 4.
Malfunction shock resistance
Item
Model
G9KA-1A
Contact resistance *1
0.2 m
Ω max.
Operate time *2
30 ms max.
Release time *2
10 ms max.
Insulation resistance *3
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
5,000 VAC, 50/60 Hz for 1 min
Between contacts of the
same polarity
2,000 VAC, 50/60 Hz for 1 min
Impulse withstand
voltage
Between coil and contacts
10 kV (1.2 × 50
μs)
Vibration resistance
Destruction
10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Malfunction
Excitation: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction
1,000 m/s2
Malfunction
Excitation: 100 m/s2
Durability
Mechanical
100,000 operations min. (at 7,200 operations/h)
Electrical (Resistive) *4
800 VAC 50 A switch on, 200 A carry current, 50 A switch off; 30,000 operations min.
800 VAC 150 A switch on, 200 A carry current, 200 A switch off; 10 operations min.
200 A at 60 VDC; 2,000 operations min.
(Switching frequency: 1 second ON - 9 seconds OFF at 85°C)
Failure rate (M level) (Reference value) *5
1 A at 5 VDC
Use conditions
Coil holding voltage *6
45% to 60% of rated coil voltage
Ambient operating
temperature
-40°C to +85°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 220 g
0
1,000
Y+
Z+
X-
Y-
Z-
X+
600
800
200
400
Excitation
No Excitation
Z+
X-
Y+
Y-
Z-
Contact terminal
Coil terminal
X+
Shock direction
Measurement:
Measure the value of contact malfunction happening by
applying 3 axes with 6 direction 3 times each.
The energized voltage is within the range of the rated
holding voltage.
Standard value:
Excitation
100 m/s2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com