Electronic Components Datasheet Search
  English  ▼

X  

G9KA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9KA
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KA Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9KA Datasheet HTML 1Page - Omron Electronics LLC G9KA Datasheet HTML 2Page - Omron Electronics LLC G9KA Datasheet HTML 3Page - Omron Electronics LLC G9KA Datasheet HTML 4Page - Omron Electronics LLC G9KA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
G9KA
PCB Power Relays
G
9
K
A
Precautions
 Refer to PCB Relays Common Precautions for general precautions.
As this relay is a high-voltage and high-current type,
there is a risk of abnormal heat generation, smoke
generation or fire if you use the relay with a contact
voltage, current, or for a number of times beyond the
specified range. Use only within the specified ranges.
If the power is switched on when the connections
are insufficient, there is a risk of abnormal heat
generation. Do not connect and use probes and
sockets on individual relays.
If the power is switched on when the connections
are insufficient, there is a risk of abnormal heat
generation. Please install and use relays under
recommended conditions.
Drop
• Do not use relays that have been dropped as they may not
function properly.
 Coil Voltage Reduction (holding voltage) after Relay
Operation
• Use this relay with coil voltage reduction.
• Apply the rated voltage for 0.1 to 3 seconds to the coil first.
• The range of coil rated voltage must be set as 100 to 120%,
and holding voltage must be 45 to 60%. Do not exceed the
ranges due to the change of coil voltage change and so on.
*
The coil resistances were measured at a coil temperature of 23°C with
tolerances of ± 10%.
Diode Connection for Operating Coil
• Connect diode and zener diode (or varistor) to the coil (refer to
the picture below).
Diode is for coil surge absorption. Ensure to include zener
diode as there is a possibility of any influence for switching
capability when only using diodes.
• Coil has no polarity. Connect the diodes in the reverse polarity
of the voltage applied to the coil.
• The recommended zener diode voltage is 3 times that of the
rated coil voltage.
• Use diodes with reverse dielectric strength 10 times or more
that of coil rated voltage, and with forward current more than
coil rated current.
PCB Terminal Soldering
• Solder at 290°C for 20 seconds (max.) in soldering bath.
• It is not possible to wash relay as this is not fully sealed type.
Assembly
• To reduce the risk of specification deterioration, assemble
relays in a dust free, low humidity and non-corrosive gas
environment.
• Using the relay under high temperature, high humidity, or
harmful gas may deteriorate its performance characteristics
due to condensation or corrosive materials, resulting in failure
or burn damage to the relay.
• This product weight is about 220 g. Be careful of the strength
of PCB. To reduce soldering crack due to heat stress, use both
sides through hole PCB.
Electrical Endurance
• This relay's electrical endurance specification is based on our
company's standard test procedure with resistive loads.
Relays intended for use with remove; types of drive circuits
PWM, capacitive, resistive dropper etc.), types of loads (e.g.
capacitive or inductive), and switching cycles (duty and
operation timing) must be tested to confirm suitability to the
actual intended application.
• The final failure mode is failure to break the circuit. In such a
case, burning may extend to surrounding components.
Implement safety circuits and other measures to minimize the
risk of mechanical failure.
Micro Load
• This is a power relay for high power switching. Do not use for
micro loads such as signal switching.
Warning
Precautions for Safe Use
Precautions for Correct Use
Applied coil
voltage
Coil
resistance *
Coil power consumption
Rated voltage
100 to 120%
28.8
Ω (DC12)
115.2
Ω (DC24)
Approx. 5 to 7.2 W
Holding voltage
45 to 60%
Approx. 1.0 to 1.8 W
100 to 120%
45 to 60%
(Holding voltage)
0.1 to 3 seconds
(Rated voltage)
Relay coil
Diode
Zenner diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com