Electronic Components Datasheet Search
  English  ▼

X  

G9KA Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9KA
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KA Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9KA Datasheet HTML 1Page - Omron Electronics LLC G9KA Datasheet HTML 2Page - Omron Electronics LLC G9KA Datasheet HTML 3Page - Omron Electronics LLC G9KA Datasheet HTML 4Page - Omron Electronics LLC G9KA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
G9KA
PCB Power Relays
G
9
K
A
Dimensions
(Unit:mm)
Approval Standard
UL Recognized:
(File No. E41515)
EN/IEC, TÜV Certificated:
(Certificate No. R50459726)
CQC Certificated:
(Certificate No. CQC20002275617)
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KA-1A
SPST-NO (1a)
12, 24 VDC
800 VAC 50 A (Resistive) at 85°C
30,000
800 VAC 50 A switch on,
200 A carry current, 50 A switch off at 85°C
30,000
60 VDC 200 A (Resistive) 85°C
2,000
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KA-1A
SPST-NO (1a)
12, 24 VDC
800 VAC 50 A (Resistive) at 85°C
30,000
200 A carry current at 85°C
-
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KA-1A
SPST-NO (1a)
12, 24 VDC
800 VAC 50 A (Resistive) at 85°C
30,000
200 A carry current at 85°C
-
Please visit our website, which is noted on the last page.
CAD Data
(BOTTOM VIEW)
(BOTTOM VIEW)
PCB Mounting Holes
Terminal Arrangement/
Internal Connections
(No coil polarity)
*Average value
Tolerance ±0.1
2
2-4
2-4
2
31
30.8
51.0 MAX.
(50) *
51.0 MAX.
(50) *
47.2 MAX.
(46.2) *
21.6
12.7
2-0.8
2-3
31
15
15
30.8
2-4.0×16.0
8-R0.5 MIN.
2-1.8×3.0
8-R0.5 MIN.
34.3
12.7
1
23
4
Standard type
CAD Data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com