Electronic Components Datasheet Search
  English  ▼

X  

AM7228 Datasheet(PDF) 11 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7228
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7228 Datasheet(HTML) 11 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7228 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 15Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AM7228
Motor Driver ICs
http://www.amtek-semi.com
JUNE.. 2
20
01
14
4 V
V1
1..1
1
Specifications subject to change without notice
- 11 -
So, please input faster frequency more than 20Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com