Electronic Components Datasheet Search
  English  ▼

X  

AM7228 Datasheet(PDF) 5 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7228
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7228 Datasheet(HTML) 5 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7228 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AM7228
Motor Driver ICs
http://www.amtek-semi.com
JUNE.. 2
20
01
14
4 V
V1
1..1
1
Specifications subject to change without notice
- 5 -
How to predict Tj in the environment of the actual PCB
Step 1 : Used the simulated Ψjt value listed above.
Step 2 : Measure Tt value by using
Thermocouple Method
We recommend use of a small ~40 gauge(3.15mil diameter) thermocouple. The bead and
thermocouples wires should touch the top of the package and be covered with a minimal
amount of thermally conductive epoxy. The wires should be heat-insulated to prevent
cooling of the bead due to heat loss into wires. This is important towards preventing “too
cool” Tt measurements, which would lead to the calculated Tj also being too cool.
IR Spot Method
An IR Spot method should be utilized only when using a tool with a small enough spot area
to acquire the true top center “hot spot”.
Many so-called “small spot size” tools still have a measurement area of 0~100+mils at
“zero” distance of the tool from the surface. This spot area is too big for many smaller
packages and likely would result in cooler readings than the small
thermocouple
method. Consequently, to match between spot area and package surface size is important
while measuring Tt with IR sport method.
Step 3 : calculating power dissipation by
P
(VCC–|Vo_Hi – Vo_Lo|) x Iout + VCC x Icc
Step 4 : Estimate Tj value by
Tj= Ψjt x P+Tt
Step 5: Calculated Θja value of actual PCB by the known Tj
Θja(actual) = (Tj-Ta)/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com