Electronic Components Datasheet Search
  English  ▼

X  

AM7228 Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7228
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7228 Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM7228 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AM7228
Motor Driver ICs
http://www.amtek-semi.com
JUNE.. 2
20
01
14
4 V
V1
1..1
1
Specifications subject to change without notice
- 2 -
Recommended operating conditions
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Min
Typ
Max
Unit
Operating supply voltage range
Vcc
2.5~16
V
Hall input voltage range
VHB
0.2~2.1
V
High duty slope setting voltage range
VH
0~Vref
V
Low duty slope setting voltage range
VL
0~Vref
V
Minimum Speed setting voltage range
VRMI
0~Vref
V
Electrical Characteristics
(Unless otherwise specified, Ta = 25℃, VCC = 12V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Supply current 1
ICC1
1
3
6
mA
PWM=GND
Supply current 2
ICC2
2
5
8
mA
PWM=OPEN
Reference Voltage
VREF
4.5
5
5.5
V
Ivref=5mA
Hall input
Input offset voltage
VHOFS
-
-
±6
mV
PWM input
Input H level
VPWMH
2.5
-
Vref
V
Input L level
VPWML
-0.3
-
0.8
V
Input frequency
FPWM
5
-
100
kHz
Output
Output voltage
V0
-
0.4
0.6
V
I0=200mA (Upper + Lower)
Input-output Gain
GIO
51
54
57
dB
FG low voltage
VFGL
-
0.3
0.4
V
IFG = 5mA
FG leakage current
IFGL
-
-
20.0
μA
VFG = 15V
Input hysteresis voltage
VHYS
±10
±17
±25
mV
Hall bias voltage
VHB
1.0
1.15
1.3
V
IHB=-5mA
Lock protection
Lock detection ON time
TON
0.35
0.50
0.65
Sec
Lock detection OFF time
TOFF
3.5
5.0
6.5
Sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com