Electronic Components Datasheet Search
  English  ▼

X  

AM8068.ENG Datasheet(PDF) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Description  One Channel H-Bridge Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet(HTML) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM8068.ENG Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AM8068
Motor Driver ICs
Application
OUT_B
GND
OUT_A
VCC
IN_B
IN_A
IN_A
IN_B
C4
10
μF~220μF
C2
0.1
μF
C1
1
2
3
6
5
4
C3
0.1
μF
M
0.1
μF
Circuit Descriptions
The function descriptions of capacitors on the application circuit:
C1、C2: Power supply VCC pin capacitor:
1)
The capacitor can reduce the power spike when the motor is in motion. To avoid the IC directly
damaged by the VCC peak voltage. It also can stabilize the power supply voltage and reduce its
ripples.
2)
The C1 capacitor can compensate power when motor starts running.
3)
The capacitor value (μF) determines the stability of the VCC during motor in motion. In general,
10
μF capacitor is enough in low voltage power (VCC). If the large voltage power or a heavy loading
motor is used, then a larger capacitor would be needed.
4)
On the PCB configuration, the C1、C2 must be mounted as close as possible to VCC pin (PIN4).
C3: The across-output capacitor ;
C4: The across-motor capacitor
1)
The capacitors can reduce the power spike of motor when operating. Therefore, a 0.
1μF capacitor is
recommended.
2)
On the PCB configuration, the C3 must be mounted as close as possible to OUT_A&B (PIN 1&PIN
3)
3)
The C4 capacitor single-ended can be welded on the motor shell.
4)
The C3、C4 capacitor must be added to the general application.
AMtek semiconductors
May. 2018 V1.1
- 6 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com